Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2047 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS2047
Description  TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2047 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS2047 Datasheet HTML 8Page - Texas Instruments TPS2047 Datasheet HTML 9Page - Texas Instruments TPS2047 Datasheet HTML 10Page - Texas Instruments TPS2047 Datasheet HTML 11Page - Texas Instruments TPS2047 Datasheet HTML 12Page - Texas Instruments TPS2047 Datasheet HTML 13Page - Texas Instruments TPS2047 Datasheet HTML 14Page - Texas Instruments TPS2047 Datasheet HTML 15Page - Texas Instruments TPS2047 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
TPS2047, TPS2057
TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SLVS194 – APRIL 1999
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 16
140
120
100
–50
–25
0
25
50
160
180
SUPPLY CURRENT, OUTPUT ENABLED
vs
JUNCTION TEMPERATURE
200
75
100
125
150
TJ – Junction Temperature – °C
VI(INx) = 5.5 V
VI(INx) = 5 V
VI(INx) = 4 V
VI(INx) = 3.3 V
VI(INx) = 2.7 V
Figure 17
1000
600
200
–200
–50
–25
0
25
50
75
1400
1800
SUPPLY CURRENT, OUTPUT DISABLED
vs
JUNCTION TEMPERATURE
2000
100
125
150
1600
1200
800
400
0
TJ – Junction Temperature – °C
VI(INx) = 5.5 V
VI(INx) = 5 V
VI(INx) = 4 V
VI(INx) = 2.7 V
Figure 18
140
120
100
2.5
3
3.5
4
4.5
160
180
SUPPLY CURRENT, OUTPUT ENABLED
vs
INPUT VOLTAGE
200
5
5.5
6
VI – Input Voltage – V
TJ = –40°C
TJ = 125°C
TJ = 85°C
TJ = 25°C
TJ = 0°C
Figure 19
800
400
0
–400
2.5
3
3.5
4
4.5
1200
1600
SUPPLY CURRENT, OUTPUT DISABLED
vs
INPUT VOLTAGE
2000
5
5.5
6
VI – Input Voltage – V
TJ = –40°C
TJ = 125°C
TJ = 85°C
TJ = 25°C
TJ = 0°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com