Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2047 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS2047
Description  TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2047 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2047 Datasheet HTML 17Page - Texas Instruments TPS2047 Datasheet HTML 18Page - Texas Instruments TPS2047 Datasheet HTML 19Page - Texas Instruments TPS2047 Datasheet HTML 20Page - Texas Instruments TPS2047 Datasheet HTML 21Page - Texas Instruments TPS2047 Datasheet HTML 22Page - Texas Instruments TPS2047 Datasheet HTML 23Page - Texas Instruments TPS2047 Datasheet HTML 24Page - Texas Instruments TPS2047 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
TPS2047, TPS2057
TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SLVS194 – APRIL 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Figure 32. Bus-Powered Hub Implementation
DP1
DM1
DP2
DM2
DP3
DM3
DP4
PWRON1
OVRCUR1
PWRON2
OVRCUR2
PWRON3
OVRCUR3
DM4
DP0
DM0
VCC
XTAL1
XTAL2
OCSOFF
SN75240
D +
D –
5 V
GND
D +
D –
5 V
D +
D –
5 V
48-MHz
Crystal
Downstream
Ports
TUSB2040
Hub Controller
Tuning
Circuit
A
B
C
D
33
µF†
1/2 SN75240
A
B
C
D
GND
GND
33
µF†
33
µF†
D +
D –
Upstream
Port
A
B
5 V
GND
C
D
1
µF
GND
Ferrite Beads
Ferrite Beads
Ferrite Beads
BUSPWR
GANGED
IN
GND
3.3 V
4.7
µF
0.1
µF
4.7
µF
EN1
IN1
OC1
OUT1
TPS2047
EN2
OC2
OUT2
0.1
µF
0.1
µF
GND
† USB rev 1.1 requires 120
µF per hub.
EN3
OC3
OUT3
IN2
GND1
GND2
1/2 SN75240
TPS76333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com