Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2047 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS2047
Description  TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2047 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2047 Datasheet HTML 7Page - Texas Instruments TPS2047 Datasheet HTML 8Page - Texas Instruments TPS2047 Datasheet HTML 9Page - Texas Instruments TPS2047 Datasheet HTML 10Page - Texas Instruments TPS2047 Datasheet HTML 11Page - Texas Instruments TPS2047 Datasheet HTML 12Page - Texas Instruments TPS2047 Datasheet HTML 13Page - Texas Instruments TPS2047 Datasheet HTML 14Page - Texas Instruments TPS2047 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TPS2047, TPS2057
TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SLVS194 – APRIL 1999
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 12
4.5
4
3.5
3
2.5
3
3.5
4
4.5
5
5.5
TURNON DELAY
vs
INPUT VOLTAGE
6
5
5.5
6
VI – Input Voltage – V
CL = 1 µF
RL = 20 Ω
TA = 25°C
Figure 13
15
13
9
7
2.5
3
3.5
4
4.5
TURNOFF DELAY
vs
INPUT VOLTAGE
5
5.5
6
11
VI – Input Voltage – V
CL = 1 µF
RL = 20 Ω
TA = 25°C
Figure 14
2.5
2.4
2.3
0
0.05
0.1
0.15
0.2
0.25
2.6
RISE TIME
vs
LOAD CURRENT
2.7
0.3
0.35
0.4
IL – Load Current – A
VI (INx) = 5 V
TA = 25°C
Figure 15
2.75
2.7
2.65
0
0.05
0.1
0.15
0.2
0.25
2.8
FALL TIME
vs
LOAD CURRENT
2.85
0.3
0.35
0.4
IL – Load Current – A
VI (INx) = 5 V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com