Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2047 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS2047
Description  TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2047 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2047 Datasheet HTML 5Page - Texas Instruments TPS2047 Datasheet HTML 6Page - Texas Instruments TPS2047 Datasheet HTML 7Page - Texas Instruments TPS2047 Datasheet HTML 8Page - Texas Instruments TPS2047 Datasheet HTML 9Page - Texas Instruments TPS2047 Datasheet HTML 10Page - Texas Instruments TPS2047 Datasheet HTML 11Page - Texas Instruments TPS2047 Datasheet HTML 12Page - Texas Instruments TPS2047 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
TPS2047, TPS2057
TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SLVS194 – APRIL 1999
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 4. Turnon Delay and Rise Time
with 1-
µF Load
Figure 5. Turnoff Delay and Fall Time
with 1-
µF Load
012
3
4
5
6
t – Time – ms
78
9
10
VI(ENx)
(5 V/div)
VO(OUTx)
(2 V/div)
VI(INx) = 5 V
TA = 25°C
CL = 1 µF
RL = 20 Ω
0
2
4
6
8
10
12
t – Time – ms
14
16
18
20
VI(INx) = 5 V
TA = 25°C
CL = 1 µF
RL = 20 Ω
VI(ENx)
(5 V/div)
VO(OUTx)
(2 V/div)
Figure 6. TPS2047, Short-Circuit Current,
Device Enabled into Short
01
2
3
4
5
6
t – Time – ms
78
9
10
IO(OUTx)
(0.2 A/div)
VI(INx) = 5 V
TA = 25°C
VI(ENx)
(5 V/div)
Figure 7. TPS2047, Threshold Trip Current
with Ramped Load on Enabled Device
0
10
20
30405060
t – Time – ms
70
80
90 100
IO(OUTx)
(0.5 A/div)
VI(INx) = 5 V
TA = 25°C
VO(OUTx)
(2 V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com