Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2047 Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS2047
Description  TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2047 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS2047 Datasheet HTML 18Page - Texas Instruments TPS2047 Datasheet HTML 19Page - Texas Instruments TPS2047 Datasheet HTML 20Page - Texas Instruments TPS2047 Datasheet HTML 21Page - Texas Instruments TPS2047 Datasheet HTML 22Page - Texas Instruments TPS2047 Datasheet HTML 23Page - Texas Instruments TPS2047 Datasheet HTML 24Page - Texas Instruments TPS2047 Datasheet HTML 25Page - Texas Instruments TPS2047 Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
TPS2047, TPS2057
TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SLVS194 – APRIL 1999
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
generic hot-plug applications (see Figure 33)
In many applications it may be necessary to remove modules or pc boards while the main unit is still operating.
These are considered hot-plug applications. Such implementations require the control of current surges seen
by the main power supply and the card being inserted. The most effective way to control these surges is to limit
and slowly ramp the current and voltage being applied to the card, similar to the way in which a power supply
normally turns on. Due to the controlled rise times and fall times of the TPS2047 and TPS2057, these devices
can be used to provide a softer start-up to devices being hot-plugged into a powered system. The UVLO feature
of the TPS2047 and TPS2057 also ensures the switch will be off after the card has been removed, and the switch
will be off during the next insertion. The UVLO feature guarantees a soft start with a controlled rise time for every
insertion of the card or module.
Power
Supply
Block of
Circuitry
0.1
µF
1000
µF
Optimum
2.7 V to 5.5 V
PC Board
Overcurrent Response
TPS2047
GND1
IN1
EN1
OC1
OUT1
OUT2
OC2
EN2
GND2
EN3
IN2
OC3
OUT3
Block of
Circuitry
Block of
Circuitry
Figure 33. Typical Hot-Plug Implementation
By placing the TPS2047 or TPS2057 between the VCC input and the rest of the circuitry, the input power will
reach these devices first after insertion. The typical rise time of the switch is approximately 2.5 ms, providing
a slow voltage ramp at the output of the device. This implementation controls system surge currents and
provides a hot-plugging mechanism for any device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com