Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2047 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2047
Description  TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2047 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2047 Datasheet HTML 1Page - Texas Instruments TPS2047 Datasheet HTML 2Page - Texas Instruments TPS2047 Datasheet HTML 3Page - Texas Instruments TPS2047 Datasheet HTML 4Page - Texas Instruments TPS2047 Datasheet HTML 5Page - Texas Instruments TPS2047 Datasheet HTML 6Page - Texas Instruments TPS2047 Datasheet HTML 7Page - Texas Instruments TPS2047 Datasheet HTML 8Page - Texas Instruments TPS2047 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TPS2047, TPS2057
TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SLVS194 – APRIL 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
features
D 135-mΩ -Maximum (5-V Input) High-Side
MOSFET Switch
D 250 mA Continuous Current per Channel
D Independent Short-Circuit and Thermal
Protection With Overcurrent Logic Output
D Operating Range . . . 2.7-V to 5.5-V
D Logic-Level Enable Input
D 2.5-ms Typical Rise Time
D Undervoltage Lockout
D 20 µA Maximum Standby Supply Current
D Bidirectional Switch
D Available in 16-pin SOIC Package
D Ambient Temperature Range, –40°C to 85°C
D 2-kV Human-Body-Model, 200-V
Machine-Model ESD Protection
typical applications
D Notebook, Desktop and Palmtop PCs
D Monitors, Keyboards, Scanners, and
Printers
D Digital Cameras, Phones, and PBXs
D Hot-Insertion Applications
description
The TPS2047 and TPS2057 triple power-distribution switches are intended for applications where heavy
capacitive loads and short circuits are likely. These devices incorporate in single packages three 135-m
Ω
N-channel MOSFET high-side power switches for power-distribution systems that require multiple power
switches. Each switch is controlled by a logic enable compatible with 5-V and 3-V logic. Gate drive is provided
by an internal charge pump that controls the power-switch rise times and fall times to minimize current surges
during switching. The charge pump, requiring no external components, allows operation from supplies as low
as 2.7 V.
When the output load exceeds the current-limit threshold or a short is present, the TPS2047 and TPS2057 limit
the output current to a safe level by switching into a constant-current mode, pulling the overcurrent (OCx) logic
output low. When continuous heavy overloads and short circuits increase the power dissipation in the switch
causing the junction temperature to rise, a thermal protection circuit shuts off the switch in overcurrent to prevent
damage. Recovery from a thermal shutdown is automatic once the device has cooled sufficiently. Internal
circuitry ensures the switch remains off until valid input voltage is present.
The TPS2047 and TPS2057 are designed to limit at 0.44-A load. These power-distribution switches are
available in 16-pin small-outline integrated circuit (SOIC) packages and operate over an ambient temperature
range of –40
°C to 85°C.
AVAILABLE OPTIONS
RECOMMENDED MAXIMUM
TYPICAL SHORT-CIRCUIT
PACKAGED DEVICES
TA
ENABLE
CONTINUOUS LOAD CURRENT
(A)
CURRENT LIMIT AT 25
°C
(A)
SOIC
(D)†
–40
°C to 85°C
Active low
0.25
0.44
TPS2047D
–40
°C to 85°C
Active high
0.25
0.44
TPS2057D
† The D package is available taped and reeled. Add an R suffix to device type (e.g., TPS2047DR)
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND1
IN1
EN1
EN2
GND2
IN2
EN3
NC
OC1
OUT1
OUT2
OC2
OC3
OUT3
NC
NC
TPS2047
D PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND1
IN1
EN1
EN2
GND2
IN2
EN3
NC
OC1
OUT1
OUT2
OC2
OC3
OUT3
NC
NC
TPS2057
D PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - TPS2047

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2047 TI-TPS2047 Datasheet
420Kb / 24P
TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2047 TI-TPS2047 Datasheet
470Kb / 25P
POWER DISTRIBUTION SWITCHES
TPS2047 TI-TPS2047 Datasheet
1Mb / 37P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2047 TI1-TPS2047 Datasheet
597Kb / 27P
TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2047A TI-TPS2047A Datasheet
478Kb / 31P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2047

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2047 TI-TPS2047 Datasheet
420Kb / 24P
TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
Oct-2003
ST2054 STMICROELECTRONICS-ST2054 Datasheet
445Kb / 9P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
13-Jul-2005
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
Current Limited, Power-Distribution Switches
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2047 TI1-TPS2047_14 Datasheet
597Kb / 27P
TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com