Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2047 Datasheet(PDF) 19 Page - Texas Instruments

Part # TPS2047
Description  TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2047 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS2047 Datasheet HTML 15Page - Texas Instruments TPS2047 Datasheet HTML 16Page - Texas Instruments TPS2047 Datasheet HTML 17Page - Texas Instruments TPS2047 Datasheet HTML 18Page - Texas Instruments TPS2047 Datasheet HTML 19Page - Texas Instruments TPS2047 Datasheet HTML 20Page - Texas Instruments TPS2047 Datasheet HTML 21Page - Texas Instruments TPS2047 Datasheet HTML 22Page - Texas Instruments TPS2047 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
TPS2047, TPS2057
TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
SLVS194 – APRIL 1999
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
bus-powered hubs
Bus-powered hubs obtain all power from upstream ports and often contain an embedded function. The hubs
are required to power up with less than one unit load. The BPH usually has one embedded function, and power
is always available to the controller of the hub. If the embedded function and hub require more than 100 mA
on power up, the power to the embedded function may need to be kept off until enumeration is completed. This
can be accomplished by removing power or by shutting off the clock to the embedded function. Power switching
the embedded function is not necessary if the aggregate power draw for the function and controller is less than
one unit load. The total current drawn by the bus-powered device is the sum of the current to the controller, the
embedded function, and the downstream ports, and it is limited to 500 mA from an upstream port.
low-power bus-powered functions and high-power bus-powered functions
Both low-power and high-power bus-powered functions obtain all power from upstream ports; low-power
functions always draw less than 100 mA, and high-power functions must draw less than 100 mA at power up
and can draw up to 500 mA after enumeration. If the load of the function is more than the parallel combination
of 44
Ω and 10 µF at power up, the device must implement inrush current limiting (see Figure 31).
IN1
OC1
EN1
OC3
EN3
2
16
13
12
9
15
6
0.1
µF
10
µF
0.1
µF
10
µF
Internal
Function
OUT1
OUT2
Power Supply
3.3 V
IN2
OC2
NC
14
11
0.1
µF
10
µF
OUT3
NC
10
EN2
NC
3
4
7
8
GND1
GND2
1
5
Internal
Function
Internal
Function
0.1
µF
10
µF
USB
Control
GND
VBUS
D–
D+
TPS2047
Figure 31. High-Power Bus-Powered Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com