Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US4881 Datasheet(PDF) 2 Page - Micro Electronics

Part # US4881
Description  CMOS Low Voltage High Sensitivity Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

US4881 Datasheet(HTML) 2 Page - Micro Electronics

  US4881 Datasheet HTML 1Page - Micro Electronics US4881 Datasheet HTML 2Page - Micro Electronics US4881 Datasheet HTML 3Page - Micro Electronics US4881 Datasheet HTML 4Page - Micro Electronics US4881 Datasheet HTML 5Page - Micro Electronics US4881 Datasheet HTML 6Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
US4881 CMOS Low Voltage High Sensitivity Latch
3901004881 Rev 1.5
24/July/01
Page 2
US4881
CMOS Low Voltage High Sensitivity Latch
US4881 Electrical Specifications
DC operating parameters: TA = 25
oC, VDD = 12VDC (unless otherwise specified).
Parameter
Symbol Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
Operating
2.2
18
V
Supply Current
IDD
B<BOP
1.5
2.5
4.0
mA
Saturation Voltage
VDS(on)
IOUT = 20 mA, B>BOP
0.4
0.5
V
Output Leakage
IOFF
B<BRP, VOUT = 18V
0.01
5.0
ì A
Output Rise Time
tr
VDD = 12V, RL = 1.1KÙ, CL = 20pf
0.04
ì s
Output Fall Time
tf
VDD = 12V, RL = 1.1KÙ, CL = 20pf
0.18
ì s
US4881 Magnetic Specifications
DC operating parameters: TA = 25
oC, VDD =12 VDC (unless otherwise specified
).
Parameter
Symbol Test Conditions
Min
Typ
Max
Units
Operating Point
BOP
0.5
2.0
4.5
mT
Release Point
BRP
-4.5
-2.0
-0.5
mT
Hysteresis
Bhys
2.0
4.0
6.5
mT
Melexis Inc. reserves the right to make changes without further notice to any products herein to improve reliability, function o r design. Melexis does
not assume any liability arising from the use of any product or application of any product or circuit described herein.
Note: 1 mT = 10 Gauss.
Supply Voltage (Operating), VDD
18V
Supply Current (Fault), IDD
50mA
Output Voltage, VOUT
18V
Output Current (Fault), IOUT
50mA
Power Dissipation, PD
100mW
Operating Temperature Range, TA
-40 to 150°C
Storage Temperature Range, TS
-65 to 150°C
Maximum Junction Temp, TJ
175°C
ESD Sensitivity (All Pins)
+/- 4KV
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com