Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US4881 Datasheet(PDF) 5 Page - Micro Electronics

Part # US4881
Description  CMOS Low Voltage High Sensitivity Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

US4881 Datasheet(HTML) 5 Page - Micro Electronics

  US4881 Datasheet HTML 1Page - Micro Electronics US4881 Datasheet HTML 2Page - Micro Electronics US4881 Datasheet HTML 3Page - Micro Electronics US4881 Datasheet HTML 4Page - Micro Electronics US4881 Datasheet HTML 5Page - Micro Electronics US4881 Datasheet HTML 6Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
US4881
CMOS Low Voltage High Sensitivity Latch
Preliminary Datasheet
US4881 CMOS Low Voltage High Sensitivity Latch
3901004881 Rev 1.5
24/July/01
Page 5
Unique Features
CMOS Hall IC Technology
The chopper stabilized amplifier uses switched
capacitor techniques to eliminate the amplifier
offset voltage, which, in bipolar devices, is a
major source of temperature sensitive drift.
CMOS makes this advanced technique possi-
ble. The CMOS chip is also much smaller than
a bipolar chip, allowing very sophisticated cir-
cuitry to be placed in less space. The small chip
size also contributes to lower physical stress
and less power consumption.
Installation Comments
Consider temperature coefficients of Hall IC and
magnetics, as well as air gap and life time varia-
tions. Observe temperature limits during wave
soldering.
Application Comments
If reverse supply protection is desired, use a re-
sistor in series with the VDD pin. The resistor will
limit the Supply Current(Fault), IDD, to 50 mA.
For severe EMC conditions, use the application
circuit below.
Applications Examples
Automotive and Severe
Environment Protection Circuit
Hall IC
C1
4.7n
F
C2
4.7n
F
V
DD
V
SS
OUT
R
L
1.2
K
Supply
Voltage
D1
R
1 100Ω
Z1
Two Wire Optional Current
Biasing Circuit
R
L
R
b
Hall
IC
Iout
V
DD
The resistors R
b and R L can be used to bias the input current, Iin. Refer
to the part specification for limiting values. This circuit will help in getting
the precise ON and OFF currents desired.
B
RP = Ioff = (V DD / Rb + I DD )
B
OP = Ion = (Ioff + VDD / R L )
I
IN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com