Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN750S Datasheet(PDF) 12 Page - STMicroelectronics

Part # VN750S
Description  HIGH SIDE DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750S Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VN750S Datasheet HTML 8Page - STMicroelectronics VN750S Datasheet HTML 9Page - STMicroelectronics VN750S Datasheet HTML 10Page - STMicroelectronics VN750S Datasheet HTML 11Page - STMicroelectronics VN750S Datasheet HTML 12Page - STMicroelectronics VN750S Datasheet HTML 13Page - STMicroelectronics VN750S Datasheet HTML 14Page - STMicroelectronics VN750S Datasheet HTML 15Page - STMicroelectronics VN750S Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
12/29
VN750 / VN750S / VN750PT / VN750-B5
1
1
Overvoltage Shutdown
Turn-on Voltage Slope
Ilim Vs Tcase
Openload Off State Voltage Detection Threshold
Turn-off Voltage Slope
1
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
30
32
34
36
38
40
42
44
46
48
50
Vov (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
1
1.5
2
2.5
3
3.5
4
4.5
5
Vol (V)
Vin=0V
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
100
200
300
400
500
600
700
800
900
1000
dVout/dt/(on) (V/ms)
Vcc=13V
Rl=6.5Ohm
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
50
100
150
200
250
300
350
400
450
500
dVout/dt(off) (V/ms)
Vcc=13V
Rl=6.5Ohm
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
2
4
6
8
10
12
14
16
18
20
Ilim (A)
Vcc=13V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com