Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN750S Datasheet(PDF) 16 Page - STMicroelectronics

Part # VN750S
Description  HIGH SIDE DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750S Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VN750S Datasheet HTML 12Page - STMicroelectronics VN750S Datasheet HTML 13Page - STMicroelectronics VN750S Datasheet HTML 14Page - STMicroelectronics VN750S Datasheet HTML 15Page - STMicroelectronics VN750S Datasheet HTML 16Page - STMicroelectronics VN750S Datasheet HTML 17Page - STMicroelectronics VN750S Datasheet HTML 18Page - STMicroelectronics VN750S Datasheet HTML 19Page - STMicroelectronics VN750S Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
16/29
VN750 / VN750S / VN750PT / VN750-B5
P2PAK PC Board
Rthj-amb Vs PCB copper area in open box free air condition
P2PAK THERMAL DATA
Layout condition of Rth and Zth measurements (PCB FR4 area= 60mm x 60mm, PCB thickness=2mm,
Cu thickness=35
µm, Copper areas: 0.97cm2, 8cm2).
30
35
40
45
50
55
02
4
6
8
10
PCB Cu heatsink area (cm^2)
RTHj_amb (°C/W)
Tj-Tamb=50°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com