Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT6164CD Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT6164CD
Description  Digital Line Interface Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT6164CD Datasheet(HTML) 1 Page - Exar Corporation

  XRT6164CD Datasheet HTML 1Page - Exar Corporation XRT6164CD Datasheet HTML 2Page - Exar Corporation XRT6164CD Datasheet HTML 3Page - Exar Corporation XRT6164CD Datasheet HTML 4Page - Exar Corporation XRT6164CD Datasheet HTML 5Page - Exar Corporation XRT6164CD Datasheet HTML 6Page - Exar Corporation XRT6164CD Datasheet HTML 7Page - Exar Corporation XRT6164CD Datasheet HTML 8Page - Exar Corporation XRT6164CD Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538
• (510) 668-7000 • FAX (510) 668-7017
Rev. 3.0.0
XRT6164
Digital Line Interface Transceiver
September 2003
FEATURES
l
Single 5V Supply
l
CCITT G.703 Compatible When Used With
Either XR-T6165 or XR-T6166
l
Low Power
l
TTL Compatible Digital Inputs and Outputs
l
Links Remote Equipment at Distances up to
500 Meters Without Equalization
l
Receive Data Comparator Threshold Storage
Provides Ping-Pong Operation Capability
l
Loss of Signal Alarm
l
Dual Matched Driver Outputs
ORDERING INFORMATION
Operating
Part No.
Package
Temperature Range
XRT6164CP
16-Lead 300 Mil PDIP
0°C to +70°C
XRT6164CD
16-Lead 300 Mil JEDEC SOIC
0°C to +70°C
APPLICATIONS
l
Data Adaption Unit (DAU)
l
General Purpose TTL Compatible Line Inter-
face
GENERAL DESCRIPTION
The XRT6164 is a bipolar analog chip intended for general purpose line interface applications at bit rates up to
1.544Mbps (T1). It contains both receive and transmit circuitry in a 16-pin dual-in-line plastic package. The receiver
is designed for short line applications having a cable loss up to 10dB measured at the half bit rate. The transmitter
has open collector line driver outputs that are capable of handling up to 40mA. When used in conjunction with either
XRT6165 or XRT6166, the chip set provides a 64Kbps codirectional interface as specified in CCITT G.703.


Similar Part No. - XRT6164CD

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT6164CD EXAR-XRT6164CD Datasheet
99Kb / 10P
Digital Line Interface Transceiver
More results

Similar Description - XRT6164CD

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8802 WOLFSON-WM8802 Datasheet
516Kb / 65P
Digital Audio Interface Transceiver
logo
Exar Corporation
XRT6164A EXAR-XRT6164A Datasheet
492Kb / 10P
Digital Line Interface Transceiver
XRT6164 EXAR-XRT6164_07 Datasheet
99Kb / 10P
Digital Line Interface Transceiver
XRT6164A EXAR-XRT6164A_07 Datasheet
102Kb / 10P
Digital Line Interface Transceiver
XRT6164A_0710 EXAR-XRT6164A_0710 Datasheet
122Kb / 10P
Digital Line Interface Transceiver
logo
CML Microcircuits
CMX615 CMLMICRO-CMX615 Datasheet
584Kb / 26P
Digital Line to POTS Interface
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
Digital Audio Interface Transceiver
logo
Exar Corporation
XRT6164 EXAR-XRT6164_10 Datasheet
114Kb / 2P
Digital Line Interface Transceiver
logo
ON Semiconductor
LC89057W-VF4A-E ONSEMI-LC89057W-VF4A-E Datasheet
318Kb / 59P
Digital Audio Interface Transceiver
May, 2013
logo
Texas Instruments
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
Digital Audio Interface Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com