Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9628 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9628
Description  1.8 V Dual Analog-to-Digital Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9628 Datasheet(HTML) 4 Page - Analog Devices

  AD9628 Datasheet HTML 1Page - Analog Devices AD9628 Datasheet HTML 2Page - Analog Devices AD9628 Datasheet HTML 3Page - Analog Devices AD9628 Datasheet HTML 4Page - Analog Devices AD9628 Datasheet HTML 5Page - Analog Devices AD9628 Datasheet HTML 6Page - Analog Devices AD9628 Datasheet HTML 7Page - Analog Devices AD9628 Datasheet HTML 8Page - Analog Devices AD9628 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
Data Sheet
AD9628
Rev. C | Page 3 of 42
GENERAL DESCRIPTION
The AD9628 is a monolithic, dual-channel, 1.8 V supply, 12-bit,
125 MSPS/105 MSPS analog-to-digital converter (ADC). It
features a high performance sample-and-hold circuit and on-
chip voltage reference.
The product uses multistage differential pipeline architecture
with output error correction logic to provide 12-bit accuracy at
125 MSPS data rates and to guarantee no missing codes over the
full operating temperature range.
The ADC contains several features designed to maximize
flexibility and minimize system cost, such as programmable
clock and data alignment and programmable digital test pattern
generation. The available digital test patterns include built-in
deterministic and pseudorandom patterns, along with custom
user-defined test patterns entered via the serial port interface (SPI).
A differential clock input controls all internal conversion cycles.
An optional duty cycle stabilizer (DCS) compensates for wide
variations in the clock duty cycle while maintaining excellent
overall ADC performance.
The digital output data is presented in offset binary, Gray code, or
twos complement format. A data output clock (DCO) is provided
for each ADC channel to ensure proper latch timing with receiving
logic. 1.8 V CMOS or LVDS output logic levels are supported.
Output data can also be multiplexed onto a single output bus.
The AD9628 is available in a 64-lead RoHS-compliant LFCSP
and is specified over the industrial temperature range (−40°C to
+85°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com