Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9628 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9628
Description  1.8 V Dual Analog-to-Digital Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9628 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9628 Datasheet HTML 35Page - Analog Devices AD9628 Datasheet HTML 36Page - Analog Devices AD9628 Datasheet HTML 37Page - Analog Devices AD9628 Datasheet HTML 38Page - Analog Devices AD9628 Datasheet HTML 39Page - Analog Devices AD9628 Datasheet HTML 40Page - Analog Devices AD9628 Datasheet HTML 41Page - Analog Devices AD9628 Datasheet HTML 42Page - Analog Devices AD9628 Datasheet HTML 43Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
AD9628
Data Sheet
Rev. C | Page 38 of 42
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
Comments
0x1C
User
pattern
MSB
B15
B14
B13
B12
B11
B10
B9
B8
0x00
User-defined
pattern, 2
MSBs
0x2A
Overrange
control
(global)
Open
Open
Open
Open
Open
Open
Open
Overrange
output 0 =
disabled 1 =
enabled
0x01
Overrange
control
settings
0x2E
Output
assign (local)
Open
Open
Open
Open
Open
Open
Open
0 = ADC A
1 = ADC B
(local)
ADC A =
0x00
ADC B =
0x01
Assigns an
ADC to an
output
channel
0x3A
Sync
control
(global)
Open
Open
Open
Open
Open
Clock
divider
next sync
only
Clock
divider
sync
enable
Open
0x00
Sets the
global sync
options
0x100
Sample rate
override
Open
Sample
rate
override
enable
Resolution
100 = 12 bits
110 = 10 bits
Sample rate
011 = 80 MSPS
100 = 105 MSPS
101 = 125 MSPS
0x00
0x101
User I/O
Control
Register 2
Output
Enable
Bar (OEB)
pin
enable
Open
Open
Open
Open
Open
Open
Disable
SDIO pull-
down
0x80
OEB and
SDIO pin
controls
0x102
User I/O
Control
Register 3
Open
Open
Open
Open
VCM power-
down
Open
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com