Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9653 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9653
Description  Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9653 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9653 Datasheet HTML 34Page - Analog Devices AD9653 Datasheet HTML 35Page - Analog Devices AD9653 Datasheet HTML 36Page - Analog Devices AD9653 Datasheet HTML 37Page - Analog Devices AD9653 Datasheet HTML 38Page - Analog Devices AD9653 Datasheet HTML 39Page - Analog Devices AD9653 Datasheet HTML 40Page - Analog Devices AD9653 Datasheet HTML 41Page - Analog Devices AD9653 Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
AD9653
Data Sheet
Rev. E | Page 38 of 41
precedence over the 2× driver strength on FCO and DCO when
both the output driver termination and output drive are selected.
Output Phase (Register 0x16)
Bit 7—Open
Bits[6:4]—Input Clock Phase Adjust
When the clock divider (Register 0x0B) is used, the applied
clock is at a higher frequency than the internal sampling clock.
Register 0x16 Bits[6:4] determine at which phase of the external
clock the sampling occurs. This is applicable only when the
clock divider is used. It is prohibited to select a value for Bits[6:4]
that is greater than the value of Bits[2:0], Register 0x0B.
Table 21. Input Clock Phase Adjust Options
Input Clock Phase
Adjust, Bits[6:4]
Number of Input Clock Cycles of
Phase Delay
000 (Default)
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7
Bits[3:0]—Output Clock Phase Adjust
Table 22. Output Clock Phase Adjust Options
Output Clock (DCO),
Phase Adjust, Bits[3:0]
DCO Phase Adjustment (Degrees
Relative to D0±x/D1±x Edge)
0000
0
0001
60
0010
120
0011 (Default)
180
0100
240
0101
300
0110
360
0111
420
1000
480
1001
540
1010
600
1011
660
Serial Output Data Control (Register 0x21)
The serial output data control register is used to program the
AD9653 in various output data modes depending upon the data
capture solution. Table 23 describes the various serialization
options available in the AD9653.
Sample Rate Override (Register 0x100)
This register is designed to allow the user to downgrade the device
(that is, establish lower power) for applications that do not require a
full sample rate. Settings in this register are not initialized until Bit 0
of the transfer register (Register 0xFF) is set to 1.
This function does not affect the sample rate; it affects the
maximum sample rate capability of the ADC, as well as the
resolution.
User Input/Output Control 2 (Register 0x101)
Bits[7:1]—Open
Bit 0—SDIO Pull-Down
Bit 0 can be set to disable the internal 30 kΩ pull-down on the
SDIO pin, which can be used to limit the loading when many
devices are connected to the SPI bus.
User Input/Output Control 3 (Register 0x102)
Bits[7:4]—Open
Bit 3—VCM Power-Down
Bit 3 can be set high to power down the internal VCM generator.
This feature is used when applying an external reference.
Bits[2:0]—Open
Table 23. SPI Register Options
Serialization Options Selected
Register 0x21
Contents
Serial Output Number
of Bits (SONB)
Frame Mode
Serial Data Mode
DCO Multiplier
Timing Diagram
0x30
16-bit
1×
DDR two-lane, bytewise
4 × fS
Figure 2 (default setting)
0x20
16-bit
1×
DDR two-lane, bitwise
4 × fS
Figure 2
0x10
16-bit
1×
SDR two-lane, bytewise
8 × fS
Figure 2
0x00
16-bit
1×
SDR two-lane, bitwise
8 × fS
Figure 2
0x34
16-bit
2×
DDR two-lane, bytewise
4 × fS
Figure 3
0x24
16-bit
2×
DDR two-lane, bitwise
4 × fS
Figure 3
0x14
16-bit
2×
SDR two-lane, bytewise
8 × fS
Figure 3
0x04
16-bit
2×
SDR two-lane, bitwise
8 × fS
Figure 3
0x40
16-bit
1×
DDR one-lane, wordwise
8 × fS
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com