Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9653 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9653
Description  Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9653 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9653 Datasheet HTML 9Page - Analog Devices AD9653 Datasheet HTML 10Page - Analog Devices AD9653 Datasheet HTML 11Page - Analog Devices AD9653 Datasheet HTML 12Page - Analog Devices AD9653 Datasheet HTML 13Page - Analog Devices AD9653 Datasheet HTML 14Page - Analog Devices AD9653 Datasheet HTML 15Page - Analog Devices AD9653 Datasheet HTML 16Page - Analog Devices AD9653 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
AD9653
Data Sheet
Rev. E | Page 12 of 41
ABSOLUTE MAXIMUM RATINGS
Table 8.
Parameter
Rating
Electrical
AVDD to AGND
−0.3 V to +2.0 V
DRVDD to AGND
−0.3 V to +2.0 V
Digital Outputs
(D0±x, D1±x, DCO+, DCO−, FCO+,
FCO−) to AGND
−0.3 V to +2.0 V
CLK+, CLK− to AGND
−0.3 V to +2.0 V
VIN+x, VIN−x to AGND
−0.3 V to +2.0 V
SCLK/DTP, SDIO/OLM, CSB to AGND
−0.3 V to +2.0 V
SYNC, PDWN to AGND
−0.3 V to +2.0 V
RBIAS, VCM to AGND
−0.3 V to +2.0 V
VREF, SENSE to AGND
−0.3 V to +2.0 V
Environmental
Operating Temperature
Range (Ambient, VREF = 1.0 V)
−40°C to +85°C
Operating Temperature
Range (Ambient, VREF = 1.3 V)
0°C to 85°C
Maximum Junction
Temperature
150°C
Lead Temperature
(Soldering, 10 sec)
300°C
Storage Temperature
Range (Ambient)
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Table 9. Thermal Resistance
Package Type
Air Flow
Velocity
(m/sec)
θJA1
θJB
θJC
Unit
48-Lead LFCSP
0.0
23.7
7.8
7.1
°C/W
7 mm × 7 mm
1.0
20.0
N/A2
N/A2
°C/W
(CP-48-13)
2.5
18.7
N/A2
N/A2
°C/W
1
θJA for a 4-layer PCB with solid ground plane (simulated). Exposed pad
soldered to PCB.
2
N/A means not applicable.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com