Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLS12A Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # SLS12A
Description  1A Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

SLS12A Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  SLS12A Datasheet HTML 1Page - Chip Integration Technology Corporation SLS12A Datasheet HTML 2Page - Chip Integration Technology Corporation SLS12A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
■
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
•
•
•
•
•
•
•
Low profile surface mounted application in order to
Suffix "G" indicates Halogen-free part, ex.SLS12AG.
SLS12A THRU SLS14A
1A Surface Mount Schottky Barrier Rectifiers
I
O
I
FSM
I
R
C
J
T
STG
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Storage temperature
Parameter
See Fig.2
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 100 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+150
160
20
1.0
1.0
30
A
A
mA
OC/W
OC
70
R
θJA
Junction to ambient
Diode junction capacitance
pF
f=1MHz and applied 4V DC reverse voltage
Document ID : DS-12K30
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
Operating temperature
O
T ( C)
J
-55 ~ +100
Max. forward voltage
O
@1A, T = 25 C
A
V (V)
F
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
28
14
Max.
repetitive peak
reverse voltage
V
(V)
RRM
40
20
Marking code
SLS14A
SLS12A
Symbol
SLS14
SLS12
40
20
0.33
SMA(DO-214AC)
• Case : Molded plastic, DO-214AC / SMA
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : 0.002 ounce, 0.055 gram
• Epoxy:UL94-V0 rated flame retardant
Marking code
0.09 8 (2 .50 )
0.06 7 (1 .70 )
0.06 7 (1 .70 )
0.04 7 (1 .20 )
0.114 (2 .90 )
0.08 3 (2 .10 )
0.18 1 (4 .60 )
0.15 7 (4 .00 )
0.012 (0.3 0)
TYP.
0.22 4 (5 .70 )
0.18 5 (4 .70 )
0.06 1 (1 .55 )
0.03 0 (0 .75 )
0.008 (0.2 0)
0.004 (0.1 0)


Similar Part No. - SLS12A

ManufacturerPart #DatasheetDescription
logo
Sanan Semiconductor Co....
SLS120J060A SANAN-SLS120J060A Datasheet
663Kb / 9P
3rd Generation 1700V/25A SiC Schottky Barrier Diode
2023.10
SLS120J080A SANAN-SLS120J080A Datasheet
697Kb / 9P
3rd Generation 1200V/80A SiC Schottky Barrier Diode
2023.10
SLS120J100A SANAN-SLS120J100A Datasheet
668Kb / 9P
3rd Generation 1200V/100A SiC Schottky Barrier Diode
2023.10
logo
Chip Integration Techno...
SLS12B CITC-SLS12B Datasheet
91Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
SLS12C CITC-SLS12C Datasheet
91Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SLS12A

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FM120-N FRONTIER-FM120-N Datasheet
119Kb / 2P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
B120W CITC-B120W Datasheet
90Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
SK12A CITC-SK12A Datasheet
152Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
SK12AS CITC-SK12AS Datasheet
459Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
SK12B CITC-SK12B Datasheet
96Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
SL12A CITC-SL12A Datasheet
91Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
SLL12AS CITC-SLL12AS Datasheet
90Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
B120LWG-S CITC-B120LWG-S Datasheet
90Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
SKL16ASG CITC-SKL16ASG Datasheet
459Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
SLS12B CITC-SLS12B Datasheet
91Kb / 3P
1A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com