Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC4050RPFS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 54HC4050RPFS
Description  CMOS Logic Hex Non-Inverting Buffers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

54HC4050RPFS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  54HC4050RPFS Datasheet HTML 1Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 2Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 3Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 4Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 5Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 6Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 7Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
All data sheets are subject to change without notice
©2001 Maxwell Technologies.
All rights reserved.
CMOS Logic Hex Non-Inverting Buffers
54HC4050
12.19.01 Rev 1
1000587
TABLE 1. 54HC4050 PINOUT DESCRIPTIONS
PIN
SYMBOL
DESCRIPTION
1V
CC
Power supply
8V
SS
Ground
13, 16
NC
Not Connected
3, 5, 7, 9, 11, 14
A - F
Inputs
2
G = A
Buffered Output
4
H = B
Buffered Output
6
I = C
Buffered Output
10
J = D
Buffered Output
12
K = E
Buffered Output
15
L = F
Buffered Output
TABLE 2. 54HC4050 ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNIT
Storage Temperature
T
S
-65
150
°C
Operating Temperature Range
T
A
-55
125
°C
DC Supply Voltage
V
CC
-0.5
7.0
V
DC Input Diode Current
For V
I < -0.5V or VI > VCC +0.5V
I
IK
-20
+20
mA
DC Output Diode Current
For V
O < -0.5V or VO > VCC +0.5V
I
OK
-20
+20
mA
DC Output Source or Sink Current per Output Pin
For V
O > -0.5V or VO < VCC +0.5V
I
O
-25
+25
mA
DC V
CC or Ground Current
I
CC or IGND
-50
+50
mA
TABLE 3. DELTA LIMITS
PARAMETER
VARIATION
I
CC
±10% of specified value in Table 5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com