Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC4050RPFS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 54HC4050RPFS
Description  CMOS Logic Hex Non-Inverting Buffers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

54HC4050RPFS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  54HC4050RPFS Datasheet HTML 1Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 2Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 3Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 4Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 5Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 6Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 7Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
All data sheets are subject to change without notice
©2001 Maxwell Technologies.
All rights reserved.
CMOS Logic Hex Non-Inverting Buffers
54HC4050
12.19.01 Rev 1
1000587
Quiescent Device Current
I
CC
V
I = VCC or GND, IO = 0mA
V
CC = 6V
+25°C
--
2
µA
-55 to 125°C
--
40
TABLE 6. 54HC4050 AC ELECTRICAL CHARACTERISTICS
(V
CC = 5V ±10%, TA = -55 TO 125°C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Propogation Delay
nA to nY
t
PLH, tPHL
C
L = 50pF
V
CC = 2V
+25°C
--
85
ns
-55 to 125°C
--
130
V
CC = 4.5V
+25°C
--
17
-55 to 125°C
--
26
V
CC = 6V
+25°C
--
14
-55 to 125°C
--
22
Transition Times
(Figure 1)
t
TLH, tTHL
C
L = 50pF
V
CC = 2V
+25°C
--
75
ns
-55 to 125°C
--
110
V
CC = 4.5V
+25°C
--
15
-55 to 125°C
--
22
V
CC = 6V
+25°C
--
13
-55 to 125°C
--
19
TABLE 7. 54HC4050 CAPACITANCE1
1. Guaranteed by design.
PARAMETER
SYMBOL
TEST CONDITIONS
MAX
UNIT
Input Capacitance
C
I
10
pF
Power Dissipation Capacitance2, 3
2. C
PD is used to determine the dynamic power consumption, per gate.
3. P
D = VCC
2
fi (C
PD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
C
PD
V
CC = 5V
35
pF
TABLE 5. 54HC4050 DC ELECTRICAL CHARACTERISTICS
(V
CC = 5V ±10%, TA = -55 TO 125°C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com