Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC16244ADGG Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC16244ADGG
Description  16-bit buffer/line driver; 5 V input/output tolerant; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16244ADGG Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC16244ADGG Datasheet HTML 6Page - NXP Semiconductors 74LVC16244ADGG Datasheet HTML 7Page - NXP Semiconductors 74LVC16244ADGG Datasheet HTML 8Page - NXP Semiconductors 74LVC16244ADGG Datasheet HTML 9Page - NXP Semiconductors 74LVC16244ADGG Datasheet HTML 10Page - NXP Semiconductors 74LVC16244ADGG Datasheet HTML 11Page - NXP Semiconductors 74LVC16244ADGG Datasheet HTML 12Page - NXP Semiconductors 74LVC16244ADGG Datasheet HTML 13Page - NXP Semiconductors 74LVC16244ADGG Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
2003 Dec 08
10
Philips Semiconductors
Product specification
16-bit buffer/line driver; 5 V input/output
tolerant; 3-state
74LVC16244A;
74LVCH16244A
AC CHARACTERISTICS
GND = 0 V; tr =tf ≤ 2.5 ns; CL = 50 pF; RL = 500 Ω.
Notes
1. All typical values are measured at Tamb =25 °C.
2. These typical values are measured at VCC = 3.3 V and Tamb =25 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C; note1
tPHL/tPLH
propagation delay nAn to nYn
see Figs 6 and 8
1.2
−
11.0
−
ns
2.7
1.0
−
4.7
ns
3.0 to 3.6
1.1
3.0(2)
4.1
ns
tPZH/tPZL
3-state output enable time nOE to nYn
see Figs 7 and 8
1.2
−
15.0
−
ns
2.7
1.0
−
5.8
ns
3.0 to 3.6
1.0
3.5(2)
4.6
ns
tPHZ/tPLZ
3-state output disable time nOE to nYn see Figs 7 and 8
1.2
−
10.0
−
ns
2.7
1.0
−
6.2
ns
3.0 to 3.6
1.8
3.7(2)
5.2
ns
Tamb = −40 to +125 °C
tPHL/tPLH
propagation delay nAn to nYn
see Figs 6 and 8
1.2
−−−
ns
2.7
1.0
−
6.0
ns
3.0 to 3.6
1.1
−
5.5
ns
tPZH/tPZL
3-state output enable time nOE to nYn
see Figs 7 and 8
1.2
−−−
ns
2.7
1.0
−
7.5
ns
3.0 to 3.6
1.0
−
6.0
ns
tPHZ/tPLZ
3-state output disable time nOE to nYn see Figs 7 and 8
1.2
−−−
ns
2.7
1.0
−
8.0
ns
3.0 to 3.6
1.8
−
6.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com