Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC16244ADGG Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC16244ADGG
Description  16-bit buffer/line driver; 5 V input/output tolerant; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC16244ADGG Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC16244ADGG Datasheet HTML 1Page - NXP Semiconductors 74LVC16244ADGG Datasheet HTML 2Page - NXP Semiconductors 74LVC16244ADGG Datasheet HTML 3Page - NXP Semiconductors 74LVC16244ADGG Datasheet HTML 4Page - NXP Semiconductors 74LVC16244ADGG Datasheet HTML 5Page - NXP Semiconductors 74LVC16244ADGG Datasheet HTML 6Page - NXP Semiconductors 74LVC16244ADGG Datasheet HTML 7Page - NXP Semiconductors 74LVC16244ADGG Datasheet HTML 8Page - NXP Semiconductors 74LVC16244ADGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2003 Dec 08
2
Philips Semiconductors
Product specification
16-bit buffer/line driver; 5 V input/output
tolerant; 3-state
74LVC16244A;
74LVCH16244A
FEATURES
• 5 V tolerant inputs/outputs for interfacing with 5 V logic
• Wide supply voltage range from 1.2 to 3.6 V
• CMOS low power consumption
• MULTIBYTETM flow-through standard pin-out
architecture
• Low inductance multiple power and ground pins for
minimum noise and ground bounce
• Direct interface with TTL levels
• All data inputs have bushold (74LVCH16244A only).
• Complies with JEDEC standard no. 8-1A
• ESD protection:
HBM EIA/JESD22-A114-A exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V.
• Specified from −40 to +85 °C and −40 to +125 °C.
DESCRIPTION
The 74LVC(H)16244A is a high-performance, low power,
low voltage, Si-gate CMOS device, superior to most
advanced CMOS compatible TTL families. Inputs can be
driven from either 3.3 or 5 V devices. In 3-state operation,
outputs can handle 5 Volt. These features allow the use of
these devices as a mixed 3.3 and 5 V environment.
The 74LVC(H)16244A is a 16-bit non-inverting buffer/line
driver with 3-state outputs. The device can be used as four
4-bit buffers, two 8-bit buffers or one 16-bit buffer. The
device features four Output Enables (1OE, 2OE, 3OE and
4OE), each controlling four of the 3-state outputs. A HIGH
on nOE causes the outputs to assume a high-impedance
OFF-state.
The 74LVC(H)16244A is identical to the 74LVC16240A
but has non-inverting outputs.
The 74LVCH16244A bushold data inputs eliminates the
need for external pull-up resistors to hold unused inputs.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 2.5 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
Σ(CL × VCC2 × fo) = sum of the outputs.
2. The condition is VI = GND to VCC.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
propagation delay nAn to nYn
CL = 50 pF; VCC = 3.3 V
3.0
ns
tPZH/tPZL
3-state output enable time nOE to nYn
CL = 50 pF; VCC = 3.3 V
3.5
ns
tPHZ/tPLZ
3-state output disable time nOE to nYn
CL = 50 pF; VCC = 3.3 V
3.7
ns
CI
input capacitance
5.0
pF
CPD
power dissipation capacitance per gate
VCC = 3.3 V; notes 1 and 2
outputs enabled
12
pF
outputs disabled
4.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com