Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54831 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # 54831
Description  Infiniium 54830 Series Oscilloscopes
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54831 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  54831 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
Combining the benefits of industry-leading MegaZoom deep
memory and mixed-signal oscilloscope models, Infiniium
makes it faster and easier than ever to see what's happening
in your high-speed digital or communications design.
View and Trigger on up to 4 Analog
and 16 Digital Channels
With the Agilent 54830D Series
of Mixed-Signal Oscilloscopes
(MSOs), you can easily view the
complex relationships of your
analog and digital signals, as
well as the analog characteristics
of digital signals. If your
embedded designs include
complex digital buses such as
PCI or SDRAM, the 54830D
Series of MSOs allow you to
easily trigger on and view up to
20 time-aligned analog and digital
signals to isolate problems and
cycles of interest.
Industry-Leading Deep Memory with
Instant Response
With up to 128 Mpts of acquisi-
tion memory, the Agilent 54830
Series of MSOs and DSOs offers
superior resolution when captur-
ing long, complex waveforms.
But a deep-memory scope doesn’t
have to be difficult to use.
Infiniium scopes from Agilent
utilize MegaZoom technology
through the full 128 Mpts for fast
waveform updates and respon-
sive user input controls.
The Performance You Need
• 600 MHz to 1 GHz bandwidth
• 2+16-, 4+16-, 2- and 4-channel
models
• Up to 4 GSa/s
• Up to 4 Mpts memory standard;
up to 128 Mpts optional
• Advanced probing solutions
Award-Winning Scopes
Infiniium has received eight
industry awards to date, including
EDN’s “Innovation of the Year”
award (twice) and T&M World’s
“Best in Test.” Agilent is commit-
ted to breaking new ground and
providing tools that bring unique
value to our customers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com