Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54831 Datasheet(PDF) 21 Page - Agilent(Hewlett-Packard)

Part # 54831
Description  Infiniium 54830 Series Oscilloscopes
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54831 Datasheet(HTML) 21 Page - Agilent(Hewlett-Packard)

Back Button 54831 Datasheet HTML 17Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 18Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 19Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 20Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 21Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 22Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 23Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 24Page - Agilent(Hewlett-Packard) 54831 Datasheet HTML 25Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
Trigger
54830B, 54831B, 54832B, 54833A, 54830D, 54831D, 54832D and 54833D
Sensitivity
Internal8
DC to 600 MHz: 0.6 div
600 MHz to 1 GHz: 1.5 div (50
Ω)
External
DC to 100 MHz: 0.05 x (signal range)
100 MHz to 600 MHz: 0.10 x (signal range) (54830B/D, 54833A/D)
600 MHz to 1 GHz: 0.18 x (signal range) (54833A/D)
Auxiliary
DC to 600 MHz: 300 mVp-p (54831B/31D/32B/32D/33A/33D)
Level Range
Internal
± 8 div from center screen (1 M
Ω)
± 8 div from center screen (50
Ω)
External
± 1 V, ± 5 V, ± 25 V (1 M
Ω)
± 1 V, ± 5 V, ± 8 V (50
Ω) (54830B/D, 54833A/D)
Auxiliary
± 5 V (54831B/32B/31D/32D/33A/33D)
Sweep Modes
Auto, triggered, single
Trigger Coupling
DC, AC, low frequency reject (50 kHz high pass filter), high frequency reject
(50 kHz low pass filter)
Trigger Conditioning
Noise reject adds hysteresis to trigger circuitry decreasing sensitivity to noise
Trigger Holdoff Range
80 ns to 320 ms (54830A/B Series)
50 ns to 10 s (54830D Series)
Trigger Jitter
8 ps ± 0.05 ppm x |delay setting| rms
Trigger Actions
Specify an action to occur, and the frequency of the action, when a trigger condition
occurs. Actions include: e-mail on trigger and QuickMeas+
Trigger Modes
Edge
Triggers on a specified slope and voltage level on any channel, auxiliary trigger (4 channel models),
external trigger (2 channel models) or line input.
Glitch
Triggers on glitches narrower than the other pulses in your waveform by specifying a width less
than your narrowest pulse and a polarity. Minimum glitch width is 500 ps (analog channels) or
2.5 ns (digital channels on 54830D/31D/32D/33D). Glitch range settings: <1.5 ns to <160 ms
(54830A/B Series), <1.5 ns to <10 s (analog channels on 54830D/31D/32D/33D),
<5 ns to <10 s (digital channels on 54830D/31D/32D/33D)
Line
Triggers on the line voltage powering the oscilloscope.
Pattern
Triggers when a specified logical combination of the channels is entered, exited, is present or
absent for a specified period of time or is within a specified time range. Each channel can have a
value of High (H), Low (L) or Don’t care (X).
State
Pattern trigger clocked by the rising or falling edge of one channel. Logic type: AND or NAND.
Delay by Time
The trigger is qualified by an edge. After a specified time delay between 30 ns to 160 ms (5 ns to
10 s for 54830D/31D/32D/33D) a rising or falling edge on any one selected input will generate
the trigger.
Delay by Events
The trigger is qualified by an edge. After a specified delay between 1 to 16,000,000 rising or falling
edges on any one selected input will generate the trigger.
TV
Trigger on one of the three standard television waveforms: 525 lines/60 Hz (NTSC)
625 lines/50 Hz (PAL), or define a custom waveform
Violation Triggers
Pulse Width
See Trigger Mode Glitch for performance characteristics.
Setup/Hold
Triggers on setup, hold or setup and hold violations in your circuit. Requires a clock and data signal
on any two input channels as trigger sources. High and low thresholds and setup and/or hold
time must then be specified.
Transition
Trigger on pulse rising or falling edges that do not cross two voltage levels in > or < the amount of
time specified.
Performance Characteristics continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com