Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JA Datasheet(PDF) 41 Page - Intel Corporation

Part # 80960JA
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JA Datasheet(HTML) 41 Page - Intel Corporation

Back Button 80960JA Datasheet HTML 37Page - Intel Corporation 80960JA Datasheet HTML 38Page - Intel Corporation 80960JA Datasheet HTML 39Page - Intel Corporation 80960JA Datasheet HTML 40Page - Intel Corporation 80960JA Datasheet HTML 41Page - Intel Corporation 80960JA Datasheet HTML 42Page - Intel Corporation 80960JA Datasheet HTML 43Page - Intel Corporation 80960JA Datasheet HTML 44Page - Intel Corporation 80960JA Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 78 page
background image
Advance Information Datasheet
41
80960JA/JF/JD/JT 3.3 V Microprocessor
4.5
VCCPLL Pin Requirements
To reduce clock skew on the i960 80960Jx processor, the VCCPLL pin for the Phase Lock Loop
(PLL) circuit is isolated on the pinout. The lowpass filter, as shown in Figure 9, reduces noise
induced clock jitter and its effects on timing relationships in system designs. The 4.7 µF capacitor
must be low ESR solid tantalum; the 0.01 µF capacitor must be of the type X7R and the node
connecting VCCPLL must be as short as possible.
Figure 9.
VCCPLL Lowpass Filter
100
VCC
(Board Plane)
VCCPLL
(On 80960Jx)
Ω (80960JA/JF/JD)
F_CA078A
0.01 µF
4.7 µF
+
10
Ω (80960JT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com