Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960JA Datasheet(PDF) 56 Page - Intel Corporation

Part # 80960JA
Description  EMBEDDED 32-BIT MICROPROCESSOR
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JA Datasheet(HTML) 56 Page - Intel Corporation

Back Button 80960JA Datasheet HTML 52Page - Intel Corporation 80960JA Datasheet HTML 53Page - Intel Corporation 80960JA Datasheet HTML 54Page - Intel Corporation 80960JA Datasheet HTML 55Page - Intel Corporation 80960JA Datasheet HTML 56Page - Intel Corporation 80960JA Datasheet HTML 57Page - Intel Corporation 80960JA Datasheet HTML 58Page - Intel Corporation 80960JA Datasheet HTML 59Page - Intel Corporation 80960JA Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 78 page
background image
80960JA/JF/JD/JT 3.3 V Microprocessor
56
Advance Information Datasheet
Figure 28.
TCK Waveform
Figure 29.
TBSIS1 and TBSIH1 Input Setup and Hold Waveforms
Figure 30.
TBSOV1 and TBSOF1 Output Delay and Output Float Waveform
2.0V
1.5V
0.8V
TBSCH
TBSCL
TBSCF
TBSCR
TCK
TMS
1.5V
1.5V
1.5V
TDI
1.5V
1.5V
Valid
TBSIS1
TBSIH1
TCK
1.5V
1.5V
1.5V
TBSOV1
TDO
Valid
TBSOF1
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com