Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652 Datasheet(PDF) 32 Page - Analog Devices

Part # AD6652
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD6652 Datasheet HTML 28Page - Analog Devices AD6652 Datasheet HTML 29Page - Analog Devices AD6652 Datasheet HTML 30Page - Analog Devices AD6652 Datasheet HTML 31Page - Analog Devices AD6652 Datasheet HTML 32Page - Analog Devices AD6652 Datasheet HTML 33Page - Analog Devices AD6652 Datasheet HTML 34Page - Analog Devices AD6652 Datasheet HTML 35Page - Analog Devices AD6652 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
AD6652
Rev. 0 | Page 32 of 76
mmed
wer
input signal goes above the upper threshold, the appropriate LI
signal becomes a ive. Once the signal falls below the lower
threshold, the counter begins counting. If the input condition
goes above the lower threshold, the counter is reset and starts
the input condition falls below the lower progra
threshold.
To provide hysteresis, a dwell time register (see Table 28) is
available to hold off switching of the control line for a
predetermined number of clocks. Once the input condition is
below the lower threshold, the programmable counter begins
counting high speed clocks. As long as the input signal stays
below the lower threshold for the number of high speed clock
cycles programmed, the attenuator is removed on the terminal
count. However, if the input condition goes above the lo
threshold with the counter running, it is reset and must fall
below the lower threshold again to initiate the process. This
prevents unnecessary switching between states.
Threshold settings for LI are illustrated in Figure 47. When the
ct
again, as shown in the figure. Once the counter has terminated
to 0, the LI line goes inactive.
HIGH
DWELL TIME
LOW
UPPER
THRESHOLD
LOWER
THRESHOLD
COUNTER
RESTARTS
TIME
Figure 47. Threshold Settings for LI
The LI line can be used for a variety of functions. It can be used
to set the controls of an attenuator, DVGA, or integrated and
used with an analog VGA. To simplify the use of this feature, the
cludes two separate gain settings, one when this line
e (rCIC2_QUIET[4:0] stored in Bits 9:5 of 0x92
active (rCIC2_LOUD[4:0] stored
be
e
and external attenuator gain (if used). If no external
attenuator is used, both the rCIC2_QUIET and rCIC2_LOUD
in
o minimize loop delays. Any of the four
s
tains a correct scale value
throughout the process, making it totally independent. The
AD6652 includes a programmable pipeline delay that can be
used to compensate for the inherent 7-clock pipeline delay
associated with the front-end ADC. This feature promotes
smoother switching among gain settings.
AD6652 in
is inactiv
register) and the other when
eg
in Bits 4:0 of 0x92 r ister). This allows the digital gain to
adjusted to the external changes. In conjunction with the gain
setting, a variable hold-off is included to compensate for the
pipeline delay of the ADC and the switching time of the gain
control element. Together, these two features provide seamless
gain switching.
rCIC2_LOUD[4:0] and rCIC2_QUIET[4:0]
These 5-bit registers contain scale values to compensate for th
rCIC2 gain
registers contain the same value. These 5-bit scale values are
stored in the rCIC2 scale register (0x92) and the scaling is
applied before the data enters the rCIC2 resampling filter.
Both DDC input ports of the AD6652 have independent ga
control circuits, allowing each respective LI pin to be pro-
grammed to different set points. Note that the input gain
control circuits are wideband and are implemented prior to any
filtering elements t
DDC processing channels can be set to monitor either of the
DDC input ports.
The chip also provides appropriate scaling of the internal data,
based on the attenuation associated with the LI signal. In thi
manner, data to the DSP main



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com