Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650PCB Datasheet(PDF) 22 Page - Analog Devices

Part # AD6650PCB
Description  Diversity IF to Baseband GSM/EDGE Narrowband Receiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650PCB Datasheet(HTML) 22 Page - Analog Devices

Back Button AD6650PCB Datasheet HTML 18Page - Analog Devices AD6650PCB Datasheet HTML 19Page - Analog Devices AD6650PCB Datasheet HTML 20Page - Analog Devices AD6650PCB Datasheet HTML 21Page - Analog Devices AD6650PCB Datasheet HTML 22Page - Analog Devices AD6650PCB Datasheet HTML 23Page - Analog Devices AD6650PCB Datasheet HTML 24Page - Analog Devices AD6650PCB Datasheet HTML 25Page - Analog Devices AD6650PCB Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Preliminary Technical Data
AD6650
REV. PrJ 02/27/2003
22
External Memory Map
A[2:0]
Name
Comment
111
Access Control Register
(ACR)
7: Auto Increment
6: Broadcast
5-2: Instruction[3:0]
1-0: A[9:8]
110
Channel Address Register
(CAR)
7-0: A[7:0]
101
Special Function Register 2
(SF2)
6:
AGC sync Enable
5:
DC correction sync enable
4:
PN sync enable
3-1: Reserved
0:
Issue soft sync
100
Special Function Register 1
(SF1)
5:
First Sync only
4:
Enable edge-sensitivity
3-1: Reserved
011
Special Function Register 0
(SF0)
7-4: Reserved
3:
Status of Channel B
2:
Enable Channel B
1:
Status of Channel A
0:
Enable Channel A
010
Data Register 2 (DR2)
7-4: Reserved
3-0: D[19:16]
001
Data Register 1 (DR1)
15-8: D[15:8]
000
Data Register 0 (DR0)
7-0: D[7:0]
Table xx. External Memory Map
Access Control Register (ACR)
The Access Control Register serves to define the channel or
channels that receive an access from the micro-port or I2C
port.
Bit 7 of this register is the Auto-Increment bit. If this bit is a
1 then the CAR register described below will increment its
value after every access to the channel. This allows blocks
of address space such as Coefficient Memory to be
initialized more efficiently.
Bit 6 of the register is the Broadcast bit and determines how bits
5-2 are interpreted. The Broadcast bit should be set high so that
bits 5-2, which are referred to as Instruction bits (Instruction
[3:0]), allows a single or multiple (up to 4) AD6650 chip(s) to be
configured simultaneously There are 10 possible instructions
that are defined in the table below. The x’s in the table represent
don’t cares in the digital decoding.
Microport Instructions
Instruction
Comment:
0000
All Chips will get the access.
0001
All Chips will get the access.
0010
All Chips will get the access.
0100
All Chips will get the access.
1000
All Chips with Chip_ID[0] =xxx 0 will get the
access.1
1001
All Chips with Chip_ID[0] = xxx1 will get the
access.1
1100
All Chips with Chip_ID[1:0] = xx00 will get the
access.1
1101
All Chips with Chip_ID[1:0] = xx01 will get the
access.1
1110
All Chips with Chip_ID[1:0] = xx10 will get the
access.1
1111
All Chips with Chip_ID[1:0] = xx11 will get the
access.1
1A[9:8] bits control which channel is decoded for the access.
Table xx. Microport Instructions
When broadcast is enabled (bit 6 set high) read back is not
valid because of the potential for internal bus contention.
Therefore, if read back is subsequently desired, the
broadcast bit should be set low.
Bits 1-0 of this register are address bits that decode which of
the two channels are being accessed. Because the channels
of the AD6650 cannot be programmed independently, these
bits should be set to 0.
Channel Address Register (CAR)
This register represents the 8-bit internal address of each
channel. If the Auto-Increment bit of the ACR is 1 then this
value will be incremented after every access to the DR0
register, which will in turn access the location pointed to by
this address. The Channel Address register cannot be read
back while the Broadcast bit is set high.
Special Function Registers
The AD6650 has three special function registers, SF0, SF1,
and SF2 that control synchronizing and enabling the
channels. SF0 is the channel enable register, SF1 is the pin-
sync register, and SF2 is the soft-sync register. For SF0, bits
0 and 2 allow the channels A and B, respectively to come
out of sleep based on the method selected in SF1.Bits 1 and
3 are read-only and indicate whether or not channels A and
B, respectively are active. A 1 indicates the channel is active
and a 0 indicates it is not active. Bits 4 through 7 are
unused.
For SF1, if bit 0 is set to 1,then both channels will wait for a
pulse to appear on the SYNC pin before coming out of sleep;
otherwise, the channels will assume a soft start is desired
and wait for the start hold-off counter to issue a sync. When
bit 5 is set, both channels ignore all subsequent attempts to
resync once they are awake.
For SF2, bit 0 tells the startup block to run the start hold-off
counter from the value programmed into the start hold-off
counter control register and issue a sync when done. Bits 4-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com