Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6650PCB Datasheet(PDF) 25 Page - Analog Devices

Part # AD6650PCB
Description  Diversity IF to Baseband GSM/EDGE Narrowband Receiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6650PCB Datasheet(HTML) 25 Page - Analog Devices

Back Button AD6650PCB Datasheet HTML 20Page - Analog Devices AD6650PCB Datasheet HTML 21Page - Analog Devices AD6650PCB Datasheet HTML 22Page - Analog Devices AD6650PCB Datasheet HTML 23Page - Analog Devices AD6650PCB Datasheet HTML 24Page - Analog Devices AD6650PCB Datasheet HTML 25Page - Analog Devices AD6650PCB Datasheet HTML 26Page - Analog Devices AD6650PCB Datasheet HTML 27Page - Analog Devices AD6650PCB Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Preliminary Technical Data
AD6650
REV. PrJ 02/27/2003
25
AD6650 Memory Map
CH Address
Register
Bit Width
Bit Definitions
0 (Hex)
Clock Divider Control
0: Clock_DIV
1: Divide by 2
0: No Divide
1
PLL Register 0
22
2
PLL Register 1
22
3
PLL Register 2
22
4
PLL Register 3
22
5
Clamp Control
1: Disable B
0: Disable A
6
Aux DAC A
8
Aux_DACA
7
Aux DAC B
8
Aux_DACB
8
Aux DAC Control
8
7-5: FS Current Adjust B
4: Enable DAC B
3-1: FS Current Adjust A
0: Enable DAC A
9
ADC Dither Control
2
1: High Dither Power
0: Enable Dither
A
DC Correction BW
16
15-0: Correction BW
B
DC Correction Control
7
6:
Multiply by .75
5-2: Scalar
1: PN_EN
0: Enable
C
AGC Control 0
4
3: Force VGA Gain
2: FD_Enable
1: FA_Enable
0: Slow Loop Enable
D
AGC Control 1
9
8-0: VGA_Gain
E
AGC Control 2
16
15-8 Hysterisis
7-0: Requested Level
F
AGC Control 3
11
10-8: Loop Gain-Exp
7-0: Loop Gain-Mant
10
AGC Control 4
12
12-10: FD_Step-1
9-8: FA_Thresh
7-4: FA_count
3-0: FA_Step-1
11
AGC Control 5
16
15-8: SpB Peak Detect Period
7-0: S Peak Detect Period
12
AGC Control 6
12
11-0: FD_S Threshold
13
AGC Control 7
12
11-0: FD_SpB Threshold
14
Start Hold-Off Counter
16
Start Hold-Off Counter
15
CIC4 Decimation
5
MCIC4-1
16
CIC4 Scale
4
CIC4_scale
17
IIR Control Register
1
SYNC_MASK
18
RCF Decimation
Register
3
MRCF-1
19
RCF Decimation Phase
3
PRCF
1A
RCF Coefficient Offset
6
CORCF
1B
RCF Taps
6
NTaps-1
1C
RCF Scale Register
2
1-0: Scale
1D
BIST for A-I
24
BIST-I/DATA_I
1E
BIST for A-Q
24
BIST-Q/DATA_Q
1F
BIST for B-I
24
BIST-I/DATA_I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com