Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0504SP Datasheet(PDF) 5 Page - Chip Integration Technology Corporation

Part # T0504SP
Description  Ultra-Low Capacitance ESD Protection Device
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

T0504SP Datasheet(HTML) 5 Page - Chip Integration Technology Corporation

  T0504SP Datasheet HTML 1Page - Chip Integration Technology Corporation T0504SP Datasheet HTML 2Page - Chip Integration Technology Corporation T0504SP Datasheet HTML 3Page - Chip Integration Technology Corporation T0504SP Datasheet HTML 4Page - Chip Integration Technology Corporation T0504SP Datasheet HTML 5Page - Chip Integration Technology Corporation T0504SP Datasheet HTML 6Page - Chip Integration Technology Corporation T0504SP Datasheet HTML 7Page - Chip Integration Technology Corporation T0504SP Datasheet HTML 8Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Application Information
Figure 2 Layout Top View for HDMI Interface With T0504SP & T0514TL
Ultra-Low Capacitance ESD Protection Device
Chip Integration Technology Corporation
TMDS_D2+
TMDS_D2-
TMDS_D1+
TMDS_D1-
TMDS_D0+
TMDS_D0-
TMDS_CLK+
TMDS_CLK-
CEC
NC
SCL
SDA
GND
+5V
HTP_D
TMDS_D2+
TMDS_D2-
TMDS_D1+
TMDS_D1-
TMDS_D0+
TMDS_D0-
TMDS_CLK+
TMDS_CLK-
SCL
SDA
HTP_D
T0514TL
T0504SP
T0504SP
CEC
T0504SP
Document ID : DS-22V15
Revised Date : 2017/07/20
Revision : C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com