Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0504SP Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # T0504SP
Description  Ultra-Low Capacitance ESD Protection Device
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

T0504SP Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  T0504SP Datasheet HTML 1Page - Chip Integration Technology Corporation T0504SP Datasheet HTML 2Page - Chip Integration Technology Corporation T0504SP Datasheet HTML 3Page - Chip Integration Technology Corporation T0504SP Datasheet HTML 4Page - Chip Integration Technology Corporation T0504SP Datasheet HTML 5Page - Chip Integration Technology Corporation T0504SP Datasheet HTML 6Page - Chip Integration Technology Corporation T0504SP Datasheet HTML 7Page - Chip Integration Technology Corporation T0504SP Datasheet HTML 8Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Ultra-Low Capacitance ESD Protection Device
T0504SP
Chip Integration Technology Corporation
□
□
□
□
□
□
□
□
□
□
□
□
□
Features
Transient protection for high-speed data lines
IEC 61000-4-2 (ESD) ±25kV (Air)
±17kV (Contact)
IEC 61000-4-4 (EFT) 40A (5/50 ns)
Cable Discharge Event (CDE)
Package optimized for high-speed lines
Ultra-small package (2.5
mmx1.0mmx0.55mm)
Protectssix data lines
Low capacitance: 0.2pF Typical(I/O-I/O)
Low leakage current: 0.1uA@V
(Typical)
RWM
Low clamping voltage
Each I/O pin can withstand over 1000 ESD
strikes for ±8kV contact discharge
Description
T0504SP is an ultra-low capacitance Transient
Voltage Suppressor (TVS) designed to provide
electrostatic discharge (ESD) protection for high-
speed data interfaces.
With typical capacitance of
0.2 pF only, T0504SP is designed to protect
parasitic-sensitive systems against over-voltage and
over-current transient events. It complies with IEC
61000-4-2 (ESD), Level 4 (±15kV air, ±8kV contact
discharge), IEC 61000-4-4 (electrical fast transient -
-
EFT) (40A,5/50 ns), very fast charged device model
(CDM) ESD and cable discharge event (CDE), etc.
data lines The combined features of ultra-low
capacitance, ultra-small size and high ESD robustness
high-frequency lines (e.g.,HDMI & DVI) applications.
.
The low camping voltage of the T0504SP guarantees
a minimum stress on the protected IC.
Applications
Serial ATA
PCI Express
Desktops, Servers and Notebooks
MDDI Ports
Display Ports
High Definition Multi-Media Interface (HDMI)
Digital Visual Interfaces (DVI)
Mechanical Characteristics
DFN2510-10L package
Flammability Rating: UL 94V-
0
Marking: Part number
Circuit Diagram
Pin Configuration
DFN2510-10L
(Top View)
T0504SP uses ultra-small DFN2510-10L package.
Each T0504SP device can protect four high-speed
make T0504SP ideal for high-speed data ports and
USB 2.0/3.0 Power and Data Line Protection
□
□
□
□
□
□
I/O_1
I/O_3
I/O_2
I/O_4
GND
1
2
3
4
5
10
9
8
7
6
Packaging: Tape and Reel
□
Document ID : DS-22V15
Revised Date : 2017/07/20
Revision : C


Similar Part No. - T0504SP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T050 ETC1-T050 Datasheet
130Kb / 1P
DIL 14 PIN SINGLE OUTPUT
logo
Tripp Lite. All Rights ...
T050-001-USB-A TRIPPLITE-T050-001-USB-A Datasheet
168Kb / 3P
USB-A Voltage and Current Tester Kit - LCD Screen, USB 3.1 Gen 1, M/F
T050-001-USB-C TRIPPLITE-T050-001-USB-C Datasheet
172Kb / 3P
USB-C Voltage and Current Tester Kit - LCD Screen, USB 3.1 Gen 1, M/F
logo
Ensign Corporation
T050-1-510X ENSIGN-T050-1-510X Datasheet
291Kb / 1P
POWER TRANSFORMER COMMODORE CLASS
T050-1-512X ENSIGN-T050-1-512X Datasheet
291Kb / 1P
POWER TRANSFORMER COMMODORE CLASS
More results

Similar Description - T0504SP

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
T0501SA CITC-T0501SA Datasheet
928Kb / 7P
Ultra-Low Capacitance ESD Protection Device
T0502SK CITC-T0502SK Datasheet
746Kb / 6P
Ultra-Low Capacitance ESD Protection Device
T0506ST CITC-T0506ST Datasheet
564Kb / 8P
Ultra-Low Capacitance ESD Protection Device
T0514SP CITC-T0514SP Datasheet
547Kb / 8P
Ultra-Low Capacitance ESD Protection Device
T0514TL CITC-T0514TL Datasheet
905Kb / 9P
Ultra-Low Capacitance ESD Protection Device
T0514TP CITC-T0514TP Datasheet
799Kb / 9P
Ultra-Low Capacitance ESD Protection Device
T0524SP CITC-T0524SP Datasheet
547Kb / 8P
Ultra-Low Capacitance ESD Protection Device
logo
Shenzhen Luguang Electr...
LGLT0521SB LUGUANG-LGLT0521SB Datasheet
1Mb / 5P
Ultra-Low Capacitance ESD Protection Device
LGLT0502SK LUGUANG-LGLT0502SK Datasheet
1Mb / 5P
Ultra-Low Capacitance ESD Protection Device
LGLT0514TL LUGUANG-LGLT0514TL Datasheet
1Mb / 8P
Ultra-Low Capacitance ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com