Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0501MB Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # T0501MB
Description  Low Capacitance ESD Protection Device
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

T0501MB Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  T0501MB Datasheet HTML 1Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 2Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 3Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 4Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 5Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 6Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 7Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Rating
Symbol
Parameter
Value
Units
VESD
ESD per IEC 61000-4-2 (Air)
ESD per IEC 61000-4-2 (Contact)
±30
±30
kV
TOPT
Operating Temperature
-55 /+125
o
C
TSTG
Storage Temperature
-55 /+150
C
Electrical Characteristics (T=25 C)
Symbol
Parameter
VRWM
Nominal Reverse Working Voltage
IR
Reverse Leakage Current @ VRWM
VBR
Reverse Breakdown Voltage @ IT
IT
Test Current for Reverse Breakdown
VC
Clamping Voltage @ I PP
IPP
Peak Pulse Current
CESD
Parasitic Capacitance
VR
Reverse Voltage
f
Small Signal Frequency
V
I
VRWM
VBR
VC
IPP
IR
IT
VRWM VBR VC
IPP
IR
IT
Bi-Directional TVS
Symbol
Test Condition
Minimum
Typical
Maximum
Units
VRWM
5.0
V
IR
VRWM = 5V, T = 25 C
Between I/O1 and I/O2
0.1
1.0
μA
VBR
IT = 1mA
Between I/O1 and I/O2
5.5
8.0
V
VC
IPP = 1A, tp= 8/20μs
Between I/O1 and I/O2
10
V
6.0
o
o
Low Capacitance ESD Protection Device
T0501MB
Chip Integration Technology Corporation
CESD
VR = 0V, f = 1MHz
Between I/O1 and I/O2
12
15
pF
VC
IPP = 4A, tp= 8/20μs
Between I/O1 and I/O2
15
V
Document ID : DS-22V14
Revised Date : 2017/05/02
Revision : C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com