Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0501MB Datasheet(PDF) 4 Page - Chip Integration Technology Corporation

Part # T0501MB
Description  Low Capacitance ESD Protection Device
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

T0501MB Datasheet(HTML) 4 Page - Chip Integration Technology Corporation

  T0501MB Datasheet HTML 1Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 2Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 3Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 4Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 5Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 6Page - Chip Integration Technology Corporation T0501MB Datasheet HTML 7Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Package Outline
DFN1006 package
2 leads, very small package
MSL-1
Package Dimensions (Controlling dimensions are in millimeters)
Symbol
Dimensions In Millimeters
Dimensions In Inches
Minimum
Maximum
Minimum
Maximum
A
0.550
0.018
0.022
A1
0.15 REF
A2
E
0.950
1.050
0.037
0.041
D
0.550
0.650
0.022
0.026
b
0.250
0.350
0.010
0.014
b1
0.150
0.250
0.006
0.010
0.450
0.000
0.050
0.000
0.002
L1
0.300
0.400
0.012
0.016
L2
0.250
0.350
0.010
0.014
Low Capacitance ESD Protection Device
T0501MB
Chip Integration Technology Corporation
Document ID : DS-22V14
Revised Date : 2017/05/02
Revision : C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com