Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2844 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AS2844
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2844 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AS2844 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS2844 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS2844 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS2844 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS2844 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS2844 Datasheet HTML 17Page - List of Unclassifed Manufacturers AS2844 Datasheet HTML 18Page - List of Unclassifed Manufacturers AS2844 Datasheet HTML 19Page - List of Unclassifed Manufacturers AS2844 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ASTEC Semiconductor
Current Mode Controller
AS2842/3/4/5
53
Figure 21. Optional Current Transformer
The current sense comparator’s inverting input is
internally clamped to a level of 1.0 V to provide a
current limit (or power limit for multiple output
supplies) function. The value of RS is selected to
produce 1.0 V at the maximum allowed current.
For example, if 1.5 A is the maximum allowed
peak inductor current, then RS is selected to
equal 1 V/1.5 A = 0.66
Ω. In high power applica-
tions, power dissipation in the current sense
resistor may become intolerable. In such a case,
a current transformer can be used to step down
the current seen by the sense resistor. See
Figure 21.
1.6 Output (OUT)
The output stage of the AS2842 is a high current
totem-pole configuration that is well suited for
directly driving power MOSFETs. It is capable of
sourcing and sinking up to 1 A of peak current.
Cross conduction losses in the output stage have
been minimized resulting in lower power dissipa-
tion in the device. This is particularly important for
high frequency operation. During undervoltage
shutdown conditions, the output is active low.
This eliminates the need for an external pulldown
resistor.
1.7 Over-temperature shutdown
The AS2842 has a built-in over-temperature
shutdown which will limit the die temperature to
130
° C typically. When the over-temperature
condition is reached, the oscillator is disabled. All
other circuit blocks remain operational. There-
fore, when the oscillator stops running, output
pulses terminate without losing control of the
supply or losing any peripheral functions that
may be running off the 5 V regulator. The output
may go high during the final cycle, but the PWM
Figure 20. Current Sense/PWN Latch Circuit and Waveforms
VS =
RS
( )
IS
N
RS
VS
N:1
IS
–
+
–
+
FF
S
R
5 V REG
2R
R
RS
COMP
AS2842/3/4/5
ERROR AMP
2.5 V
VFB
1 V
1
2
3
RT/CT
4
VS
R
C
Leadong Edge Filter
CLOCK
PWM
COMPARATOR
VE
VREG
VCC
OUTPUT
8
7
6
5
GND
CURRENT
SENSE
CLOCK
OUTPUT
VE
VS
IS
PRI
SEC
VIN
PWM LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com