Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2844 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AS2844
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2844 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AS2844 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS2844 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS2844 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS2844 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS2844 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS2844 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS2844 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS2844 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS2844 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AS2842/3/4/5
Current Mode Controller
Description
The AS2842 family of control ICs provide pin-for-pin replace-
ment of the industry standard UC3842 series of devices. The
devices are redesigned to provide significantly improved
tolerances in power supply manufacturing. The 2.5 V refer-
ence has been trimmed to 1.0% tolerance. The oscillator
discharge current is trimmed to provide guaranteed duty
cycle clamping rather than specified discharge current. The
circuit is more completely specified to guarantee all param-
eters impacting power supply manufacturing tolerances.
In addition, the oscillator and flip-flop sections have been
enhanced to provide additional performance. The RT/CT pin
now doubles as a synchronization input that can be easily
driven from open collector/open drain logic outputs. This
sync input is a high impedance input and can easily be used
for externally clocked systems. The new flip-flop topology
allows the duty cycle on the AS2844/5 to be guaranteed
between 49 and 50%. The AS2843/5 requires less than
0.5 mA of start-up current over the full temperature range.
Pin Configuration — Top view
Features
• 2.5 V bandgap reference
trimmed to 1.0% and
temperature-compensated
• Extended temperature range
from - 40 to 105
° C
• AS2842/3 oscillations trimmed
for precision duty cycle clamp
• AS2844/5 have exact 50% max
duty cycle clamp
• Advanced oscillator design
simplifies synchronization
• Improved specs on UVLO
and hysteresis provide
more predictable start-up
and shutdown
• Improved 5 V regulator provides
better AC noise immunity
• Guaranteed performance
with current sense pulled
below ground
• Over-temperature shutdown
8L SOIC (D)
8
1
COMP
V
REG
7
2
V
FB
V
CC
6
3
I
SENSE
OUT
5
4
R
T/CT
GND
PDIP (N)
8
1
COMP
V
REG
7
2
V
FB
V
CC
6
3
I
SENSE
OUT
5
4
R
T/CT
GND
Ordering Information
Description
Temperature Range
Order Codes
8-Pin Plastic DIP
-40 to 105
° C
AS2842/3/4/5N
8-Pin Plastic SOIC
-40 to 105
° C
AS2842/3/4/5D-8
ASTEC Semiconductor
37


Similar Part No. - AS2844

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2810YM3-X SIPEX-AS2810YM3-X Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2810YR-X SIPEX-AS2810YR-X Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2810YT-X SIPEX-AS2810YT-X Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2810YU-X SIPEX-AS2810YU-X Datasheet
150Kb / 7P
1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results

Similar Description - AS2844

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
List of Unclassifed Man...
AS384X ETC-AS384X Datasheet
155Kb / 20P
Current Mode Controller
logo
Texas Instruments
UC1843 TI-UC1843 Datasheet
937Kb / 3P
Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3844Y TI1-UC3844Y Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3845D-8 TI-UC3845D-8 Datasheet
693Kb / 28P
CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com