Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGB-3FJB13 Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # RGB-3FJB13
Description  General Specifications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

RGB-3FJB13 Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  RGB-3FJB13 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3FJB13 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3FJB13 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3FJB13 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3FJB13 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3FJB13 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3FJB13 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3FJB13 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3FJB13 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Series KP
Miniature Audio/Video Pushbuttons
D37
D
www.nkkswitches.com
Distinctive Characteristics
Actual Size
KP series offers a complete switch solution for all broadcast panel needs,
including home keys and the rectangular switch/cap assembly.
Distinct, long total travel of .177” (4.5mm) for KP01 or shorter stroke
of .138” (3.5mm) for KP02.
Available with super bright red/green or amber/blue bicolor
LED or RGB LED. The RGB LED full color spectrum in a
switch package provides unlimited color combinations.
Unique actuation guide gives positive indication
of circuit transfer as well as smooth and silent
operation.
Choices of tactile, nontactile or tactile/audible
actuation.
Compact design with height of .906” (23.0mm)
from PC board to top of cap. (Same height as
programmable SmartSwitch™.)
Flat, sculptured or home key square caps in three
common sizes for design flexibility in audio/video
applications.
Twin contacts with gold plating assure high reliability
and long life of 5,000,000 operations minimum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com