Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGB-3FJB13 Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # RGB-3FJB13
Description  General Specifications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

RGB-3FJB13 Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button RGB-3FJB13 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3FJB13 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3FJB13 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3FJB13 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3FJB13 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3FJB13 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3FJB13 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3FJB13 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. RGB-3FJB13 Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Series KP
Miniature Audio/Video Pushbuttons
D43
D
www.nkkswitches.com
TYPICAL SWITCH DIMENSIONS
12.0mm Square Cap
15.0mm Square Cap
KP0115ACAKG036CF-1SJB
KP0115ANBKG036CF-2SJB
17.4mm Square Cap
KP0115ANBKG036CF-3SJB
(0.9) Dia Typ
.035
(0.6) Dia Typ
.024
(1.3) Dia Typ
.051
(7.62)
.300
(4.5)
.177 (12.7)
.500
(2.54) Typ
.100
(12.7)
.500
L2
L1
1
1a
C
(0.9) Dia Typ
.035
(0.6) Dia Typ
.024
(1.3) Dia Typ
.051
(7.62)
.300
(4.5)
.177 (12.7)
.500
(2.54) Typ
.100
(12.7)
.500
L2
L1
1
1a
C
(0.9) Dia Typ
.035
(0.6) Dia Typ
.024
(1.3) Dia Typ
.051
(7.62)
.300
(4.5)
.177 (12.7)
.500
(2.54) Typ
.100
(12.7)
.500
L2
L1
1
1a
C
(12.0) Sq
.472
(6.5)
.256
(3.6)
.142
(0.3)
.012
(4.5)
.177 (12.7)
.500
(0.25)
.010
(11.5)
.453
(1.1)
.043
(6.0)
.236
(23.0)
.906
(5.0)
.197
(6.4)
.252
(7.62)
.300
(0.6) Typ
.024
(12.7)
.500
(15.0) Sq
.591
L1
L2
COM
(5.08)
.200
–
+ 0.5
(0.37) Typ
.015
(15.0) Sq
.591
(7.0)
.276
(3.6)
.142
(11.5)
.453
(4.5)
.177
(23.0)
.906
(6.0)
.236
(1.1)
.043
(6.4)
.252
(0.3)
.012
(4.5)
.177 (12.7)
.500
(0.25)
.010
(7.62)
.300
(0.6) Typ
.024
(12.7)
.500
(15.0) Sq
.591
L1
L2
COM
(5.08)
.200
–
+ 0.5
(0.37) Typ
.015
(17.4) Sq
.685
(7.62)
.300
(0.6) Typ
.024
(12.7)
.500
(15.0) Sq
.591
L1
L2
COM
(5.08)
.200
–
+ 0.5
(0.37) Typ
.015
(11.5)
.453
(1.1)
.043
(6.0)
.236
(23.0)
.906
(4.5)
.177
(7.0)
.276
(3.6)
.142
(6.4)
.252
(0.3)
.012
(4.5)
.177 (12.7)
.500
(0.25)
.010
KP0115ANBKG036DG-2SJDG
Bicolor Alternating Legend • 15.0mm Square Cap
(15.0) Sq
.591
(7.0)
.276
(3.6)
.142
(11.5)
.453
(4.5)
.177
(23.0)
.906
(6.0)
.236
(1.1)
.043
(6.4)
.252
(0.3)
.012
(4.5)
.177 (12.7)
.500
(0.25)
.010
(7.62)
.300
(0.6) Typ
.024
(12.7)
.500
(15.0) Sq
.591
L1
L2
COM
(5.08)
.200
–
+ 0.5
(0.37) Typ
.015
(0.9) Dia Typ
.035
(0.6) Dia Typ
.024
(1.3) Dia Typ
.051
(7.62)
.300
(4.5)
.177 (12.7)
.500
(2.54) Typ
.100
(12.7)
.500
L2
L1
1
1a
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com