Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM137T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # COM137T
Description  (COTS) COMMERCIAL OFF-THE-SHELF 1.5 AMP NEGATIVE, ADJUSTABLE VOLTAGE REGULATOR IN TO-257 PKG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

COM137T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  COM137T Datasheet HTML 1Page - List of Unclassifed Manufacturers COM137T Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.3 - 1
3.3
Three Terminal, Precision Adjustable
Negative Voltage Regulator In TO-257 Package
809R0
(COTS) COMMERCIAL OFF-THE-SHELF 1.5 AMP NEGATIVE,
ADJUSTABLE VOLTAGE REGULATOR IN TO-257 PKG
COM137T
FEATURES
• Built In Thermal Overload Protection
• Short Circuit Current Limiting
DESCRIPTION
These three terminal negative regulators are supplied in hermetically sealed pack-
ages. All protective features are designed into the circuit, including thermal shutdown,
current-limiting, and safe-area control.
With heat sinking, these devices can deliver
up to 1.5 amps of output current. The unit also features output voltages that can be
fixed from -1.2 volts to -37 volts using external resistors.
ABSOLUTE MAXIMUM RATINGS T
c @ 25°C
Power Dissipation
TO-257................... ...... .... ...........................
. 20 W
Input - Output Voltage Differential.................................... 40
V Operating Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . - 55°C to + 150°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 65°C to + 150°C
Lead Temperature (Soldering 10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . .. . . . .
300°C
Thermal Resistance, Junction to Case: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2°C/W
MaximumOutputCurrent: ................ ............................
1.5 A
Recommended Operating Conditions:
Output VoltageRange.......................................-1.2to-
37 VDC
Ambient Operating Temperature Range (T
A) . . . . . . . . . . . . . . . . . . - 5
5°Cto+
125°C
Input VoltageRange ....................................-4.25to-41.25


Similar Part No. - COM137T

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
COM13 RALTRON-COM13 Datasheet
372Kb / 1P
SURFACE MOUNT CRYSTAL OSCILLATORS
REV. A 3/1/05
COM13025-25.000-EXT-T-TR RALTRON-COM13025-25.000-EXT-T-TR Datasheet
372Kb / 1P
SURFACE MOUNT CRYSTAL OSCILLATORS
REV. A 3/1/05
COM13025-8.000-EXT-T-TR RALTRON-COM13025-8.000-EXT-T-TR Datasheet
372Kb / 1P
SURFACE MOUNT CRYSTAL OSCILLATORS
REV. A 3/1/05
COM1305-0.032768-EXT-T-TR RALTRON-COM1305-0.032768-EXT-T-TR Datasheet
387Kb / 3P
CLOCK OSCILLATOR
February 25, 2015
COM1305-12.000-EXT-T-TR RALTRON-COM1305-12.000-EXT-T-TR Datasheet
382Kb / 3P
CLOCK OSCILLATOR
January 27, 2016
More results

Similar Description - COM137T

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A Datasheet
110Kb / 6P
1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
COM117T ETC-COM117T Datasheet
17Kb / 2P
(COTS) COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN TO-257 PACKAGE
COM7812 ETC-COM7812 Datasheet
42Kb / 4P
COMMERCIAL OFF-THE-SHELF POSITIVE FIXED VOLTAGE REGULATORS IN TO-257 PAC K
COM117HVT ETC-COM117HVT Datasheet
30Kb / 2P
COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTAGE
COM7905T ETC1-COM7905T Datasheet
37Kb / 4P
COMMERCIAL OFF-THE-SHELF FIXED VOLTAGE NEGATIVE REGULATORS IN TO-257
logo
Sensitron
SHD526060 SENSITRON-SHD526060 Datasheet
44Kb / 2P
NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
SHD526040 SENSITRON-SHD526040 Datasheet
46Kb / 2P
NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A_1 Datasheet
323Kb / 6P
1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com