Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM137T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # COM137T
Description  (COTS) COMMERCIAL OFF-THE-SHELF 1.5 AMP NEGATIVE, ADJUSTABLE VOLTAGE REGULATOR IN TO-257 PKG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

COM137T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  COM137T Datasheet HTML 1Page - List of Unclassifed Manufacturers COM137T Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
205 Crawford Street, Leominster, MA 01453 USA (978) 534-5776 FAX (978) 537-4246
3.3
COM137T
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Reference Voltage
V
REF
V
DIFF Œ= 3.0V, TA = 25°C
-1.275
-1.225
V
DIFF Œ= 3.0V
-1.30
-1.20
V
V
DIFF Œ= 40V, TA = 25°C
-1.275
-1.225
V
DIFF Œ= 40V
-1.30
-1.20
Line Regulation
R
LINE
3.0 V
V
DIFF Œ
40V, T
A = 25°C
-99
(Note 1)
3.0 V
V
DIFF Œ
40V
-23
23
m V
Load Regulation
R
LOAD
V
DIFF Œ= 5.0V, 8mA
I
L
1.5A
-25
25
(Note 1)
V
DIFF Œ= 12V, 8mA
I
L
1.5A, T
A = 25°C
-25
25
m V
V
DIFF Œ= 40V, 8mA
I
L
200mA, T
A = 25°C
-25
25
V
DIFF Œ= 40V, 8mA
I
L
100mA
-25
25
Thermal Regulation
V
RTH
V
i
n = -14.6V, IL = 1.5A
-55
m V
P
d = 20 Watts, t = 10 ms, TA = 25°C
Ripple Rejection
R
N
f = 120 Hz, V
out = Vref
66
dB
(Note 2)
C
Adj = 10 µF
Adjustment Pin Current
I
Adj
V
DIFF Œ= 3.0V
100
V
DIFF Œ= 40V
100
µA
Adjustment Pin
³
I
Adj (Line)
3.0V
V
DIFF Œ
40V
-55
µA
Current Change
³
I
Adj (Load)
V
DIFF Œ= 5V, 8mA
I
L
1.5A
-55
µA
Miminum Load Current
I
Lmin
V
DIFF Œ= 3.0V, Vout = -1.4V (forced)
3.0
V
DIFF Œ= 10V, Vout = -1.4V (forced)
3.0
m A
V
DIFF Œ= 40V, Vout = -1.4V (forced)
5.0
Current Limit
I
CL
V
DIFF Œ
5V
1.5
3.5
(Note 2)
V
DIFF Œ= 40V, TA = 25°C
0.24
1.2
A
Notes:
1
. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used.
Changes in output voltage due to heating effects must be taken into account separately.
2
. If not tested, shall be guaranteed to the specified limits.
3
. The
denotes the specifications which apply over the full operating temperature range.
ELECTRICAL CHARACTERISTICS -55°C
T
A
125°C, I
L = 8mA (unless otherwise specified)
MECHANICAL OUTLINE
TO-257AA
.430
.410
.200
.190
.038 MAX.
.005
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.100 TYP.
.035
.025
.045
.035
PIN CONNECTION
Isolated
Pin 1:
Adjust
Pin 2:
Input
Pin 3:
Output
Tab:
Isolated
12 3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com