Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9258 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9258
Description  Analog-to-Digital Converter (ADC)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9258 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9258 Datasheet HTML 17Page - Analog Devices AD9258 Datasheet HTML 18Page - Analog Devices AD9258 Datasheet HTML 19Page - Analog Devices AD9258 Datasheet HTML 20Page - Analog Devices AD9258 Datasheet HTML 21Page - Analog Devices AD9258 Datasheet HTML 22Page - Analog Devices AD9258 Datasheet HTML 23Page - Analog Devices AD9258 Datasheet HTML 24Page - Analog Devices AD9258 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
AD9258
Rev. A | Page 20 of 44
120
110
100
90
80
70
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SNRFS (DITHER ON)
SNRFS (DITHER OFF)
SFDRFS (DITHER ON)
SFDRFS (DITHER OFF)
Figure 26. AD9258-105 Single-Tone SNR/SFDR vs. Input Amplitude (AIN)
with fIN = 30 MHz with and without Dither Enabled
100
95
90
85
80
75
70
65
0
50
100
150
200
250
300
INPUT FREQUENCY (MHz)
SNR @ –40°C
SFDR @ –40°C
SNR @ +25°C
SFDR @ +25°C
SNR @ +85°C
SFDR @ +85°C
Figure 27. AD9258-105 Single-Tone SNR/SFDR vs. Input Frequency (fIN)
with 2 V p-p Full Scale
105
100
95
90
85
80
75
25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100 105
SAMPLE RATE (MSPS)
SNR, CHANNEL B
SFDR, CHANNEL B
SNR, CHANNEL A
SFDR, CHANNEL A
Figure 28. AD9258-105 Single-Tone SNR/SFDR vs. Sample Rate (fS)
with fIN = 70.1 MHz
700,000
600,000
500,000
400,000
300,000
200,000
100,000
0
N – 3
N – 2
N – 1
N
N + 1
N + 2
N + 3
OUTPUT CODE
Figure 29. AD9258-105 Grounded Input Histogram
2
1
0
–2
–1
DITHER ENABLED
DITHER DISABLED
0
2000
4000
6000
8000
10,000 12,000 14,000 16,000
OUTPUT CODE
Figure 30. AD9258-105 INL with fIN = 9.7 MHz
0.50
0.25
0
–0.25
–0.50
0
2000
4000
6000
8000
10,000 12,000 14,000 16,000
OUTPUT CODE
Figure 31. AD9258-105 DNL with fIN = 9.7 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com