Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9262EBZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9262EBZ
Description  30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9262EBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9262EBZ Datasheet HTML 2Page - Analog Devices AD9262EBZ Datasheet HTML 3Page - Analog Devices AD9262EBZ Datasheet HTML 4Page - Analog Devices AD9262EBZ Datasheet HTML 5Page - Analog Devices AD9262EBZ Datasheet HTML 6Page - Analog Devices AD9262EBZ Datasheet HTML 7Page - Analog Devices AD9262EBZ Datasheet HTML 8Page - Analog Devices AD9262EBZ Datasheet HTML 9Page - Analog Devices AD9262EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
AD9262
Rev. A | Page 5 of 32
DIGITAL DECIMATION FILTERING CHARACTERISTICS
All power supplies set to 1.8 V, 640 MHz sample rate, 0.5 V internal reference, PLL disabled, 40 MSPS output data rate, AIN = −2.0 dBFS,
unless otherwise noted.
Table 3.
AD9262BCPZ
AD9262BCPZ-5
AD9262BCPZ-10
Parameter1
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Pass-Band Transition
2.5
3.75
5
6.5
10
13
MHz
Pass-Band Ripple
<0.1
<0.1
<0.1
dB
Stop Band
3.75 MHz − fS/2
6.5 MHz − fS/2
13 MHz − fS/2
MHz
Stop Band Attenuation
>85
>85
>85
dB
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com