Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9262EBZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9262EBZ
Description  30 MSPS to 160 MSPS Dual Continuous Time Sigma-Delta ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9262EBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9262EBZ Datasheet HTML 6Page - Analog Devices AD9262EBZ Datasheet HTML 7Page - Analog Devices AD9262EBZ Datasheet HTML 8Page - Analog Devices AD9262EBZ Datasheet HTML 9Page - Analog Devices AD9262EBZ Datasheet HTML 10Page - Analog Devices AD9262EBZ Datasheet HTML 11Page - Analog Devices AD9262EBZ Datasheet HTML 12Page - Analog Devices AD9262EBZ Datasheet HTML 13Page - Analog Devices AD9262EBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
AD9262
Rev. A | Page 9 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. THE EXPOSED PAD MUST BE SOLDERED TO THE GROUND PLANE FOR THE
LFCSP PACKAGE. SOLDERING THE EXPOSED PADDLE TO THE PCB
INCREASES THE RELIABILITY OF THE SOLDER JOINTS, MAXIMIZING
THE THERMAL CAPACITY OF THE PACKAGE.
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CLK–
CVDD
D0B
D1B
D2B
DVDD
DGND
DRVDD
D3B
D4B
D5B
D6B
D7B
D8B
D9B
D10B
SCLK
SDIO
ORA
D15A
D14A
DVDD
DGND
DRVDD
D13A
D12A
D11A
D10A
D9A
D8A
D7A
D6A
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
AD9262
CMOS OUTPUTS
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CLK−
Clock Input (−).
2
CVDD
Clock Supply (1.8 V).
3 to 5, 9 to 21
D0B to D15B
Channel B Data Output Pins. D0B is the LSB and D15B is the MSB.
6, 25, 43
DVDD
Digital Supply (1.8 V).
7, 24, 42
DGND
Digital Ground.
8, 23, 41
DRVDD
Digital Output Driver Supply (1.8 V to 3.3 V).
22
ORB
Channel B Overrange Indicator.
26
DCO
Data Clock Output.
27 to 40, 44, 45
D0A to D15A
Channel A Data Output Pins. D0A is the LSB and D15A is the MSB.
46
ORA
Channel A Overrange Indicator.
47
SDIO
Serial Port Interface Data Input/Output.
48
SCLK
Serial Port Interface Clock.
49
CSB
Serial Port Interface Chip Select Active Low.
50
RESET
Chip Reset.
51, 62
AGND
Analog Ground.
52, 55, 58, 61
AVDD
Analog Supply (1.8 V).
53
VIN+A
Channel A Analog Input (+).
54
VIN−A
Channel A Analog Input (−).
56
VREF
Voltage Reference Input.
57
CFILT
Noise Limiting Filter Capacitor.
59
VIN+B
Channel B Analog Input (+).
60
VIN−B
Channel B Analog Input (−).
63
CGND
Clock Ground.
64
CLK+
Clock Input (+).
65 (EPAD)
Exposed pad (EPAD)
Analog Ground. (Pin 65 is the exposed thermal pad on the bottom of the package.) The
exposed pad must be soldered to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com