Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECF300 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # ECF300
Description  Active RFID IC for 8 Columns 횞 8 Rows keyboard remote controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECF300 Datasheet(HTML) 2 Page - E-CMOS Corporation

  ECF300 Datasheet HTML 1Page - E-CMOS Corporation ECF300 Datasheet HTML 2Page - E-CMOS Corporation ECF300 Datasheet HTML 3Page - E-CMOS Corporation ECF300 Datasheet HTML 4Page - E-CMOS Corporation ECF300 Datasheet HTML 5Page - E-CMOS Corporation ECF300 Datasheet HTML 6Page - E-CMOS Corporation ECF300 Datasheet HTML 7Page - E-CMOS Corporation ECF300 Datasheet HTML 8Page - E-CMOS Corporation ECF300 Datasheet HTML 9Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 9
4K10N Rev. F001
Active RFID IC for 8 Columns × 8 Rows
keyboard remote controller
ECF300
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
Recommend Operating Conditions
Pin name
Direction
Description
RXCLK
I
Define clock input when write mode
RXDATA
I/O
Define data I/O when write mode
TX
O
Modulation Signal
DEV[2:0]
I
Define which device is been controlled
CLK_SEL
I
Select internal clock or external clock
VSS
I
Ground
VIN
I
Power supply
RXFROK
I
Adjust RF output frequency
XIN/XOUT
I
Connect external clock
COL[7:0]
I
Define Column of Remote controller
ROW[7:0]
I
Define ROW of Remote controller
Parameter
Symbol
Conditions
Max storage temperature
TSTOREmax
+120℃
Min storage temperature
TSTOREmin
-60℃
Power supply voltage
VIN
-0.1V to +3.6V
Electrostatic discharge
VESD
1KV
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply voltage
VIN
2.5
3
3.6
V
Operating Temperature
Ta
-15
-
+55
℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com