Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECF300 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # ECF300
Description  Active RFID IC for 8 Columns 횞 8 Rows keyboard remote controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECF300 Datasheet(HTML) 3 Page - E-CMOS Corporation

  ECF300 Datasheet HTML 1Page - E-CMOS Corporation ECF300 Datasheet HTML 2Page - E-CMOS Corporation ECF300 Datasheet HTML 3Page - E-CMOS Corporation ECF300 Datasheet HTML 4Page - E-CMOS Corporation ECF300 Datasheet HTML 5Page - E-CMOS Corporation ECF300 Datasheet HTML 6Page - E-CMOS Corporation ECF300 Datasheet HTML 7Page - E-CMOS Corporation ECF300 Datasheet HTML 8Page - E-CMOS Corporation ECF300 Datasheet HTML 9Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 9
4K10N Rev. F001
Active RFID IC for 8 Columns × 8 Rows
keyboard remote controller
ECF300
ELECTRICAL CHARACTERISTICS
AC Electrical Characteristics (Ta =25℃, VIN =3V, VSS = 0V)
DC Electrical Characteristics (VIN =2.5V to 3.6V, VSS= 0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
RF Output Frequency
Fc
-
433.92
-
Mhz
RF Output Power
Pout
-20
-
0
dbm
RF Transmission setup time
TRF_OUT
-
-
30
ms
RF Frequency error
Ferror
-
-
1000
ppm
Interrogator Transmit Spurious
Emissions, In-Band
In accordance with local regulations
-
Interrogator Transmit Spurious
Emissions, Out of-Band
In accordance with local regulations
-
RF Bandwidth
In accordance with local regulations
-
Transmit data rate
DRate
-
1: 8K
0:
4K
-
bps
Modulation
ASK
Modulation Type
PULSE MODULATION
Parameter
Symbol
Min.
Typ.
Max.
Unit
Average operating current
IOC
-
1
-
mA
Standby current
ISB
-
1
-
uA
Peak current
Ipeak
10
-
mA
input low voltage
VIL
-0.1
-
0.3
V
input high voltage
VIH
1.6
-
2
V
digital output low voltage
VOL
-
-
0.3
V
digital output high voltage
VOH
1.6
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com