Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECF800 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # ECF800
Description  315/433MHz OOK/ASK Receiver SOC for Home Automation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECF800 Datasheet(HTML) 3 Page - E-CMOS Corporation

  ECF800 Datasheet HTML 1Page - E-CMOS Corporation ECF800 Datasheet HTML 2Page - E-CMOS Corporation ECF800 Datasheet HTML 3Page - E-CMOS Corporation ECF800 Datasheet HTML 4Page - E-CMOS Corporation ECF800 Datasheet HTML 5Page - E-CMOS Corporation ECF800 Datasheet HTML 6Page - E-CMOS Corporation ECF800 Datasheet HTML 7Page - E-CMOS Corporation ECF800 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 8
4K10N Rev. F001
315/433MHz OOK/ASK Receiver SOC for
Home Automation
ECF800
DC Electrical Characteristics (VIN =3V to 5.5V, VSS= 0V)
Recommend Operating Conditions
Function block diagram
Parameter
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
3
-
5.5
V
Operation Supply
Current
Conti-Operation, fRX=315MHz
11
mA
Conti-Operation, fRX=433.92MHz
12
mA
Power save current
CE=low , receiver power off command
4
mA
Shut-down Current
CE=Low
1
uA
Output High current
VDD- 0.1* VDD
400
uA
Output low current
0.1*VDD
800
uA
Operation Temp Range
-40
125
℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply voltage
VIN
5
V
Operating Temperature
Ta
-10
-
+65
℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com