Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECF800 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # ECF800
Description  315/433MHz OOK/ASK Receiver SOC for Home Automation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECF800 Datasheet(HTML) 4 Page - E-CMOS Corporation

  ECF800 Datasheet HTML 1Page - E-CMOS Corporation ECF800 Datasheet HTML 2Page - E-CMOS Corporation ECF800 Datasheet HTML 3Page - E-CMOS Corporation ECF800 Datasheet HTML 4Page - E-CMOS Corporation ECF800 Datasheet HTML 5Page - E-CMOS Corporation ECF800 Datasheet HTML 6Page - E-CMOS Corporation ECF800 Datasheet HTML 7Page - E-CMOS Corporation ECF800 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 8
4K10N Rev. F001
315/433MHz OOK/ASK Receiver SOC for
Home Automation
ECF800
Function description
The ECF800 CMOS RF SOIC receiver, and a few external components, provides the complete
receiver chain from the antenna to the interface data, which are IR, PWM, UART and ON/OFF.It can
work FAVEPC’s RFID RC air interface protocol.The ECF800 is designed to receive binary ASK/OOK
data modulated in the 315/433.92MHz.ASK modulation uses a difference in amplitude of the carrier
to represent digital data
->Voltage Regulator
ECF800 provides two internal voltage regulators to the whole receiver SOIC blocks. The regulator
input pin is VCC5.
->RF Front-end (LNA & Mixer)
The signal is received and amplified by RFfront-end.The LNA and mixer have achieved voltage gain
and excellent reversed isolation at LNA input port. The gain and noise figure are dependent on both
the antenna matching network at the LNA input and LC tank network between the LNA output and the
mixer inputs. The ANT pin can be matched to 50 Ohms with L-type circuit as shown on application
circuit. Inductor and capacitor values may be different from table depend on PCB material, PCB
thickness, ground configuration, how long the trace are in the layout and also different application
frequency.
->Phase-locked Loop (PLL)
The PLL block contains a phase detector, charge pump, integrated loop filter, VCO, asynchronous clock
dividers, and crystal-oscillator driver. Beside the crystal and its loaded capacitors, this PLL does not require
any external components.
->Image-rejection Filter and Band-Pass Filter
The IF ports of the mixer produce quadrature-down converted IF signals. These IF signals are low-pass
filtered to remove higher frequency products prior to the image rejection filter where they are combined to
reject the image frequency. The filter is fully integrated inside the ECF800 and IF bandwidth is 300 KHz.
->Received-signal Strength Indictor (RSSI)
The RSSI circuit provides a DC output proportional to the logarithm of the input power level. RSSI output
voltage has a slope of about 18mV/dB (of input power). The RSSI monotonic dynamic range exceeds 75dB.
The OOK/ASK demodulation is done by comparing the RSSI signal level.
->Automatic Gain Control (AGC)
The AGC circuit monitors the RSSI output. Receiver Font End (FE) would switch to low gain mode when
RSSI indicate the receipted power higher than a power threshold. Low receiver FE gain can improve
circuit’s linearity for RF high power input.
->Data Filter
The data filter is implemented by 2nd order Sallen-key low-pass filter. This filter is fully integrated in
ECF800 and no external components needed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com