Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECF6000 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # ECF6000
Description  RFID receiver module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECF6000 Datasheet(HTML) 1 Page - E-CMOS Corporation

  ECF6000 Datasheet HTML 1Page - E-CMOS Corporation ECF6000 Datasheet HTML 2Page - E-CMOS Corporation ECF6000 Datasheet HTML 3Page - E-CMOS Corporation ECF6000 Datasheet HTML 4Page - E-CMOS Corporation ECF6000 Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 5
4K10N Rev. F001
RFID receiver module
ECF6000
Recommend Operating Conditions
ELECTRICAL CHARACTERISTICS
AC Electrical Characteristics (Ta =25℃, VIN =5V, VSS = 0V)
DC Electrical Characteristics (VIN =5V,VSS= 0V)
Note1: LED lighting in standby mode.
Parameter
Symbol
in.
Typ.
Max.
Unit
Power Supply voltage
VIN
4.5
5
5.5
V
Operating Temperature
Ta
-15
-
+85
℃
Storage Temperature
Ts
-25
-
+90
℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
RF Input Frequency
Fc
-
433.92
-
Mhz
Sensitivity
Pref
-
-90
dbm
Receiver setup up time
TRF_OUT
-
0.02
-
ms
Receiver bandwidth
FBW
20
KHz
Receiver data rate
DRate
-
2K
-
bps
Modulation
ASK
Parameter
S mbol
Min.
Typ.
Max.
Unit
Operating current
IOC
-
13
mA
Standby current
Iwu
-
16(note1)
-
mA
Peak current
Ipeak
-
-
17
mA


Similar Part No. - ECF6000

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECF6600 E-CMOS-ECF6600 Datasheet
415Kb / 4P
RFID receiver module
More results

Similar Description - ECF6000

ManufacturerPart #DatasheetDescription
logo
AUK corp
SRM356VF AUK-SRM356VF Datasheet
59Kb / 5P
Receiver Module
logo
List of Unclassifed Man...
L51ROPT1D1 ETC1-L51ROPT1D1 Datasheet
1Mb / 14P
RECEIVER MODULE
logo
WJ Communication. Inc.
WJM3000 WJCI-WJM3000 Datasheet
681Kb / 7P
Next Generation RFID Reader Module
WJR7000 WJCI-WJR7000 Datasheet
224Kb / 4P
UHF RFID reader module
logo
Advantech Co., Ltd.
ARK-321E ADVANTECH-ARK-321E_15 Datasheet
306Kb / 2P
UHF RFID Two-Port Module
logo
AMIC Technology
A9262-A-000 AMICC-A9262-A-000 Datasheet
167Kb / 2P
13.56MHz RFID Reader Module
logo
List of Unclassifed Man...
RWS-PO929 ETC2-RWS-PO929 Datasheet
606Kb / 2P
Receiver Module
TRW-RFIDSA6UR ETC2-TRW-RFIDSA6UR Datasheet
344Kb / 3P
UHF RFID Module
TRW-RFIDSACUSB ETC2-TRW-RFIDSACUSB Datasheet
344Kb / 3P
UHF RFID Module
logo
E-CMOS Corporation
ECF6600 E-CMOS-ECF6600 Datasheet
415Kb / 4P
RFID receiver module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com