Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECF6000 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # ECF6000
Description  RFID receiver module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECF6000 Datasheet(HTML) 2 Page - E-CMOS Corporation

  ECF6000 Datasheet HTML 1Page - E-CMOS Corporation ECF6000 Datasheet HTML 2Page - E-CMOS Corporation ECF6000 Datasheet HTML 3Page - E-CMOS Corporation ECF6000 Datasheet HTML 4Page - E-CMOS Corporation ECF6000 Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 5
4K10N Rev. F001
RFID receiver module
ECF6000
PIN DESCRIPTION
操作距離
--
在額定電壓與空曠環境的測試條件下,產品操作的垂直距離大於 8m。
--
在低壓條件下(額定電壓的 85%)與空曠環境的測試條件下,產品操作的垂直距
離大於 6m。
--
操作距離需與 E-CMOS`s SKB or RMC 共同測試
產品組裝規格
1
產品所用部件型號等,與規格書中元件清單中一致。
2
產品尺寸: 12.7x18.0 mm (Thickness: 7mm)
3
產品重量: 3g
關於產品樣式請參照
“產品尺寸規格圖”與“產品外觀規格圖”
EMI/EMC/環境技術規格
1 符合 NCC 法規:
2 符合 FCC 法規:
3 符合 CE 法規:
4 符合 RoHs
法規
Pin
No.
Pin Name
Description
0
ANT
ANT PAD
1
PWM1
PWM Signal output
2
GND
Ground
3
VCC
5V Power Input Voltage
4
PWM2
PWM Signal output
5
PWM3
PWM Signal output



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com