Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSKB5M20GF00-R1 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SFSKB5M20GF00-R1
Description  Filters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFSKB5M20GF00-R1 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SFSKB5M20GF00-R1_17 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SFSKB5M20GF00-R1_17 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SFSKB5M20GF00-R1_17 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of SFSKB5M20GF00-R1 from the official website of Murata Manufacturing
Co., Ltd.
https://www.murata.com/en-us/products/productdetail?partno=SFSKB5M20GF00-R1
SFSKB5M20GF00-R1
Appearance & Shape
Applications
Other Usage
Audio Visual Equipment
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
-R0
330mm Embossed Tape
3000
Features
The SFSKB series are SMD ceramic filters suitable for IR
headphone applications. Center frequencies of 2.3, 2.8, 3.2, 3.8, 4.3,
4.8, 5.2, 5.7MHz are available. Realized small, thin and lightweight
package, compared with conventional LC filters. It helps to compose
multi-channel circuit on one PCB. No frequency adjustment is
required on PCB and it contributes to the reduction of production
cost.
Features
1. SMD package in plastic emboss tape, available for automatic
placing.
2. They are slim, at only 1.5mm max. thickness, and have a small
mounting area (5.2x3.8mm) enabling flexible PCB design.
3. Available for lead (Pb) free reflow soldering process.
4. Operating temperature range: 0 to +70 (degrees C), Storage
temperature range: -55 to +85 (degrees C)
5. No frequency adjustment is required in production process.
6. Small, thin and lightweight package compared with conventional
LC filters.
1 of 3
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last
updated 2017/11/09


Similar Part No. - SFSKB5M20GF00-R1_17

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SFSKB5M20GF00-R1 MURATA1-SFSKB5M20GF00-R1_V01 Datasheet
337Kb / 4P
Filters
04/15/2024
More results

Similar Description - SFSKB5M20GF00-R1_17

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SFECF10M7DF00S0-R0 MURATA-SFECF10M7DF00S0-R0_17 Datasheet
223Kb / 3P
Filters
SFECF10M7FF00S0-R0 MURATA-SFECF10M7FF00S0-R0_17 Datasheet
223Kb / 3P
Filters
SFECF10M7GA00S0-R0 MURATA-SFECF10M7GA00S0-R0_17 Datasheet
223Kb / 3P
Filters
SFECF10M7GF00S0-R0 MURATA-SFECF10M7GF00S0-R0_17 Datasheet
224Kb / 3P
Filters
SFECF10M7HA00-R0 MURATA-SFECF10M7HA00-R0_17 Datasheet
223Kb / 3P
Filters
SFECF10M7HF00-R0 MURATA-SFECF10M7HF00-R0_17 Datasheet
223Kb / 3P
Filters
SFECK10M7JA00S0-R0 MURATA-SFECK10M7JA00S0-R0_17 Datasheet
217Kb / 3P
Filters
SFECV10M7JA00-R0 MURATA-SFECV10M7JA00-R0_17 Datasheet
216Kb / 3P
Filters
SFSKA5M50CF00-R3 MURATA-SFSKA5M50CF00-R3_17 Datasheet
214Kb / 3P
Filters
SFSKB4M30GF00-R1 MURATA-SFSKB4M30GF00-R1_17 Datasheet
223Kb / 3P
Filters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com