Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSKB5M20GF00-R1 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # SFSKB5M20GF00-R1
Description  Filters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFSKB5M20GF00-R1 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  SFSKB5M20GF00-R1_17 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SFSKB5M20GF00-R1_17 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SFSKB5M20GF00-R1_17 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of SFSKB5M20GF00-R1 from the official website of Murata Manufacturing
Co., Ltd.
https://www.murata.com/en-us/products/productdetail?partno=SFSKB5M20GF00-R1
SFSKB5M20GF00-R1
Specifications
Operating Temperature Range
0
to
70
Shape
SMD
Elements
2
Center Frequency
5.200MHz
Nominal Center Value
Yes
3dB Bandwidth
fn±75kHzmin.
Stop Bandwidth
650kHz
Stop Band Attenuation
30dB[at 4.8MHz]
Spurious Attenuation
30dB[within 4.2 to 4.8MHz]
Insertion Loss
6.0dBmax.
Input/Output Impedance
1000Ω
2 of 3
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last
updated 2017/11/09



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com