Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

196DLC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 196DLC
Description  Energy Storage Double Layer Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

196DLC Datasheet(HTML) 2 Page - Vishay Siliconix

  196DLC Datasheet HTML 1Page - Vishay Siliconix 196DLC Datasheet HTML 2Page - Vishay Siliconix 196DLC Datasheet HTML 3Page - Vishay Siliconix 196DLC Datasheet HTML 4Page - Vishay Siliconix 196DLC Datasheet HTML 5Page - Vishay Siliconix 196DLC Datasheet HTML 6Page - Vishay Siliconix 196DLC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
196 DLC
www.vishay.com
Vishay BCcomponents
Revision: 18-Jul-16
2
Document Number: 28362
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters AND AVAILABLE FORMS
Fig. 1 - Form A: Low profile
Fig. 2 - Form B: Vertical
Note
• Packaging: bulk in box.
SELECTION CHART FOR CR, UR, AND FORM AT UPPER CATEGORY TEMPERATURE (UCT)
CR
(F)
FORM
UR = 5.5 V
UR = 6.3 V
UCT = 85 °C
UCT = 70 °C
UCT = 70 °C
0.047
A
13 x 9
13 x 7
13 x 9
B
-
11.5 x 13
-
0.1
A
13 x 9 x 9
13 x 7
13 x 9
B
-
11.5 x 13
-
0.22
A
-
13 x 7
-
B
-
11.5 x 13
-
0.33
A
-
13 x 7
-
B
-
11.5 x 13
-
0.47
A
21 x 9
21 x 7.5
21 x 9
B-
-
-
0.68
A
21 x 9
-
21 x 9
B-
-
-
1.0
A
-
21 x 7.5
-
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE
Ø D x L (mm)
CASE
CODE
FORM
Ø Dmax.
Lmax.
MASS
(g)
PACKAGING
QUANTITIES
11.5 x 13
1
B
11.8
13.5
 1.5
2000
13 x 7
2
A
13.5
7.5
 2.8
1000
13 x 9
3
A
13.5
9.5
 3.4
1000
21 x 7.5
4
A
21.5
8.0
 7.1
500
21 x 9
5
A
21.5
9.5
 8.8
500
L
Sleeve
Ø D
6 ± 1
6 ± 1
5 ± 0.3
0.5 ± 0.1
0.8 ± 0.1
1.2 ± 0.1
(0.8)
L
Laser weld
Sleeve
Solder plating
(4.5)
Ø D
5.0 ± 0.5
5.0 ± 0.3
4.0 ± 0.3
-
+



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com